Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1283
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1283 Datasheet HTML 9Page - Linear Technology LTC1283 Datasheet HTML 10Page - Linear Technology LTC1283 Datasheet HTML 11Page - Linear Technology LTC1283 Datasheet HTML 12Page - Linear Technology LTC1283 Datasheet HTML 13Page - Linear Technology LTC1283 Datasheet HTML 14Page - Linear Technology LTC1283 Datasheet HTML 15Page - Linear Technology LTC1283 Datasheet HTML 16Page - Linear Technology LTC1283 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1283
S
APPLICATI
I FOR ATIO
Figure 3. CS High During Conversion
Figure 4. CS Low During Conversion
Serial Port Microprocessors
Most synchronous serial formats contain a shift clock
(SCLK) and two data lines, one for transmitting and one for
receiving. In most cases data bits are transmitted on the
falling edge of the clock (SCLK) and captured on the rising
edge. However, serial port formats vary among MPU
manufacturers as to the smallest number of bits that can
be sent in one group (e.g., 4-bit, 8-bit or 16-bit transfers).
They also vary as to the order in which the bits are
transmitted (LSB- or MSB-first). The following examples
show how the LTC1283 accommodates these differences.
National MICROWIRE (COP820C)
The COP820C transfers data MSB-first and in 8-bit incre-
ments. This is easily accommodated by setting the LTC1283
to MSB-first format and 10-bit word length. The data
output word is then received by the COP820C in one 8-bit
block and one 2-bit block.
Table 2. 3V Microprocessor with Hardware Serial Interfaces
Compatible with the LTC1283*
PART NUMBER
TYPE OF INTERFACE
Motorola
MC68HC11
SPI
MC68HC05
SPI
RCA
CDP68HC05
SPI
National Semiconductor
COP800 Family
MICROWIRE/PLUS
†
HPC16000 Family
MICROWIRE/PLUS
†
Texas Instruments
TMS70C02
Serial Port
TMS70C42
Serial Port
*Contact factory for interface information for processors not on this list
†MICROWIRE/PLUS is a trademark of National Semiconductor Corp.
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
SHIFT RESULT OUT
AND NEW ADDRESS IN
SCLK
CS
DOUT
DIN
tSMPL
SAMPLE ANALOG
INPUT
SHIFT
MUX ADDRESS
IN
LTC1283 • F03
40 TO 44
ACLK CYCLES
ODD/
SIGN
SEL
1
SEL
0
UNI MSBF WL1 WL0
DON’T CARE
SGL/
DIFF
ODD/
SIGN
SEL
1
SEL
0
UNI MSBF WL1 WL0
SGL/
DIFF
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
SHIFT RESULT OUT
AND NEW ADDRESS IN
SCLK
CS
DOUT
DIN
tSMPL
SAMPLE ANALOG
INPUT
SHIFT
MUX ADDRESS
IN
LTC1283 • F04
40 TO 44
ACLK CYCLES
ODD/
SIGN
SEL
1
SEL
0
UNI MSBF WL1 WL0
DON’T CARE
SGL/
DIFF
ODD/
SIGN
SEL
1
SEL
0
UNI MSBF WL1 WL0
SGL/
DIFF
SCLK MUST REMAIN LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com