Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1283
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1283 Datasheet HTML 16Page - Linear Technology LTC1283 Datasheet HTML 17Page - Linear Technology LTC1283 Datasheet HTML 18Page - Linear Technology LTC1283 Datasheet HTML 19Page - Linear Technology LTC1283 Datasheet HTML 20Page - Linear Technology LTC1283 Datasheet HTML 21Page - Linear Technology LTC1283 Datasheet HTML 22Page - Linear Technology LTC1283 Datasheet HTML 23Page - Linear Technology LTC1283 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1283
S
APPLICATI
I FOR ATIO
contribute virtually no uncertainty to the output code.
However, for reduced references, the noise may become a
significant fraction of an LSB and cause undesirable jitter in
the output code. For example, with a 1V reference, this same
200
µV noise is 0.2LSB peak-to-peak. This will reduce the
range of input voltages over which a stable output code can
be achieved by 0.2LSB. If the reference is further reduced to
200mV, the 200
µV noise becomes equal to one LSB and a
stable code may be difficult to achieve. In this case averag-
ing readings may be necessary.
This noise data was taken in a very clean setup. Any setup
induced noise (noise or ripple on VCC, VREF, VIN or V
–) will
add to the internal noise. The lower the reference voltage to
be used, the more critical it becomes to have a clean, noise-
free setup.
when operating at low values of VREF because of the
reduced LSB step size and the resulting higher accuracy
requirement placed on the converter. The following factors
must be considered when operating at low VREF values.
1. Conversion speed (ACLK frequency)
2. Offset
3. Noise
Conversion Speed with Reduced VREF
With reduced reference voltages, the LSB step size is
reduced and the LTC1283 internal comparator overdrive
is reduced. With less overdrive, more time is required to
perform a conversion. Therefore, the maximum ACLK
frequency should be reduced when low values of VREF are
used. This is shown in the typical curve of Maximum
Conversion Clock Rate vs Reference Voltage.
Offset with Reduced VREF
The offset of the LTC1283 has a larger effect on the output
code when the A/D is operated with reduced reference
voltage. The offset (which is typically a fixed voltage)
becomes a larger fraction of an LSB as the size of the LSB
is reduced. The typical curve of Unadjusted Offset Error vs
Reference Voltage shows how offset in LSBs is related to
reference voltage for a typical value of VOS. For example,
a VOS of 0.5mV which is 0.2LSB with a 2.5V reference
becomes 0.5LSB with a 1V reference and 2.5LSBs with a
0.2V reference. If this offset is unacceptable, it can be
corrected digitally by the receiving system or by offsetting
the “–” input to the LTC1283.
Noise with Reduced VREF
The total input referred noise of the LTC1283 can be
reduced to approximately 200
µV peak-to-peak using a
ground plane, good bypassing, good layout techniques
and minimizing noise on the reference inputs. This noise
is insignificant with a 2.5V reference but will become a
larger fraction of an LSB as the size of the LSB is reduced.
The typical curve of Noise Error vs Reference Voltage
shows the LSB contribution of this 200
µV of noise.
For operation with a 2.5V reference, the 200
µVnoiseisonly
0.08LSB peak-to-peak. In this case, the LTC1283 noise will
A “Quick Look” Circuit for the LTC1283
Users can get a quick look at the function and timing of the
LTC1283 by using the following simple circuit. REF + and
DIN are tied to VCC selecting a 3V input span, CH7 as a
single-ended input, unipolar mode, MSB-first format and
16-bit word length. ACLK and SCLK are tied together and
driven by an external clock. CS is driven at 1/64 the clock
rate by the CD4520 and DOUT outputs the data. All other
pins are tied to a ground plane. The output data from the
DOUT pin can be viewed on an oscilloscope which is set up
to trigger on the falling edge of CS.
Scope Trace of LTC1283 “Quick Look” Circuit
Showing A/D Output of 0101010101 (155HEX)
VERTICAL: 1V/DIV, HORIZONTAL: 5
µs/DIV
CS
DOUT
MSB
(B9)
DEGLITCHER
TIME
LSB
(B0)
FILLS
ZEROES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com