Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1327CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1327CS
Description  3.3V Micropower EIA/TIA-562 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1327CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1327CS Datasheet HTML 1Page - Linear Technology LTC1327CS Datasheet HTML 2Page - Linear Technology LTC1327CS Datasheet HTML 3Page - Linear Technology LTC1327CS Datasheet HTML 4Page - Linear Technology LTC1327CS Datasheet HTML 5Page - Linear Technology LTC1327CS Datasheet HTML 6Page - Linear Technology LTC1327CS Datasheet HTML 7Page - Linear Technology LTC1327CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC1327
1
3.3V Micropower EIA/TIA-562
Transceiver
S
APPLICATI
s
Notebook Computers
s
Palmtop Computers
APPLICATI
TYPICAL
3-Drivers/5-Receivers with SHUTDOWN
DESCRIPTIO
S
FEATURE
s
Low Supply Current
300
µA
s
0.2
µA Supply Current in SHUTDOWN
s
ESD Protection
±10kV
s
Operates From a Single 3.3V Supply
s
Uses Small Capacitors
0.1
µF
s
Operates To 120k Baud
s
Three-State Outputs are High Impedance When Off
s
Output Overvoltage Does Not Force Current Back
Into Supplies
s
EIA/TIA-562 I/O Lines Can Be Forced to
±25V
Without Damage
s
Flowthrough Architecture
The LTC1327 is an advanced low power, three-driver/five-
receiver EIA/TIA-562 transceiver. In the no load condition,
the supply current is only 300
µA. The charge pump only
requires four 0.1
µF capacitors.
In SHUTDOWN mode, the supply current is further re-
duced to 0.2
µA. All EIA/TIA-562 outputs assume a high
impedance state in SHUTDOWN and with the power off.
The LTC1327 is fully compliant with all data rate and
overvoltage EIA/TIA-562 specifications. The transceiver
can operate up to 120k Baud with a 1000pF//3k
Ω load.
Both driver outputs and receiver inputs can be forced to
±25V without damage, and can survive multiple ±10kV
ESD strikes.
Supply Current vs Temperature
TEMPERATURE (°C)
–20
0
100
200
300
400
600
0
20
40
60
LTC1327 • TA02
80
500
0.2
0.4
0.6
0.8
1.2
1.0
VCC = 3.3V
ALL DRIVERS INPUTS TIED TO VCC
QUIESCENT
CURRENT
SHUTDOWN
CURRENT
1327 TA01
VCC
C1
0.1
µF
LTC1327
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DR1 OUT
RX1 IN
DR2 OUT
RX2 IN
RX3 IN
RX4 IN
DR4 OUT
RX5 IN
ON/OFF
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C3
0.1
µF
DR1 IN
RX1 OUT
DR2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DR3 IN
RX5 OUT
V–
V+
C2
0.1
µF
C4
0.1
µF
GND


Similar Part No. - LTC1327CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
204Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
More results

Similar Description - LTC1327CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1350 LINER-LTC1350 Datasheet
219Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
logo
Maxim Integrated Produc...
MAX560 MAXIM-MAX560 Datasheet
340Kb / 8P
3.3V Transceiver with Wow EIA/TIA-562 Receivers Active in Shutdown
Rev 0; 5/92
MAX563 MAXIM-MAX563 Datasheet
70Kb / 8P
3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
Rev 0; 10/93
logo
Linear Technology
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350_1 Datasheet
117Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com