Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1327CS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1327CS
Description  3.3V Micropower EIA/TIA-562 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1327CS Datasheet(HTML) 3 Page - Linear Technology

  LTC1327CS Datasheet HTML 1Page - Linear Technology LTC1327CS Datasheet HTML 2Page - Linear Technology LTC1327CS Datasheet HTML 3Page - Linear Technology LTC1327CS Datasheet HTML 4Page - Linear Technology LTC1327CS Datasheet HTML 5Page - Linear Technology LTC1327CS Datasheet HTML 6Page - Linear Technology LTC1327CS Datasheet HTML 7Page - Linear Technology LTC1327CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC1327
3
ELECTRICAL C
C
HARA TERISTICS
C
D
VCC = 3.3V, C1 to C4 = 0.1µF, unless otherwise noted.
CC
HARA TERISTICS
AC
The q denotes specifications which apply over the operating temperature
(0
°C ≤ TA ≤ 70°C).
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Supply current is measured with driver and receiver output
unloaded and driver inputs tied high.
Note 3: Supply current measurement in SHUTDOWN mode is performed
with VON/OFF = 0V.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
DATA RATE (k BAUD)
0
45
40
35
30
25
20
15
10
5
0
1327 G03
40
20
60
80
120
100
140
VCC = 3.3V
RL = 3k
CL = 1000pF
3 DRIVERS ACTIVE
Driver Output Voltage vs
Temperature
Supply Current vs Data Rate
TEMPERATURE (°C)
0
2.2
2.0
1.8
1.6
1.4
1.2
1.0
30
50
VTH
+
VTH
–
1327 G02
10
20
40
60
70
Receiver Input Thresholds vs
Temperature
TEMPERATURE (°C)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
20
40
50
1327 G01
10
30
60
70
VCC = 3.3V
OUTPUT HIGH
VCC = 3.3V
OUTPUT LOW
ALL DRIVERS WITH LOAD RL = 3k
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Generator
V + Output Voltage
IOUT = 0mA
5.7
V
IOUT = 5mA
5.5
V
V – Output Voltage
IOUT = 0mA
– 5.3
V
IOUT = – 5mA
– 5.0
V
Supply Rise Time
SHUTDOWN to Turn-On
0.2
ms
Power Supply
VCC Supply Current
No Load (Note 2)
q
0.3
0.5
mA
Supply Leakage Current (VCC)
SHUTDOWN (Note 3)
q
0.2
10
µA
On/Off Threshold Low
q
1.4
0.8
V
On/Off Threshold High
q
2
1.4
V
Slew Rate
RL = 3k, CL = 51pF
6
30
V/
µs
RL = 3k, CL = 1000pF
3
5
V/
µs
Driver Propagation Delay
tHLD
q
2
3.5
µs
(TTL to EIA/TIA-562)
tLHD
q
2
3.5
µs
Receiver Propagation Delay
tHLR
q
0.3
0.8
µs
(EIA/TIA-562 to TTL)
tLHR
q
0.2
0.8
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com