Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1337CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1337CS
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1337CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1337CS Datasheet HTML 1Page - Linear Technology LTC1337CS Datasheet HTML 2Page - Linear Technology LTC1337CS Datasheet HTML 3Page - Linear Technology LTC1337CS Datasheet HTML 4Page - Linear Technology LTC1337CS Datasheet HTML 5Page - Linear Technology LTC1337CS Datasheet HTML 6Page - Linear Technology LTC1337CS Datasheet HTML 7Page - Linear Technology LTC1337CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1337
PI FU CTIO S
DRIVER IN: RS232 Driver Input Pins. Inputs are TTL/
CMOS compatible. Inputs should not be allowed to float.
Tie unused inputs to VCC.
DRIVER OUT: Driver Outputs at RS232 Voltage Levels.
Outputs are in a high impedance state when in SHUT-
DOWN mode or VCC = 0V. The driver outputs are protected
against ESD to
±10kV for human body model discharges.
RX IN: Receiver Inputs. These pins can be forced to
±25V
without damage. The receiver inputs are protected against
ESD to
±10kV for human body model discharges. Each
receiver provides 0.4V of hysteresis for noise immunity.
RX OUT: Receiver Outputs with TTL/CMOS Voltage Lev-
els. Outputs are in a high impedance state when in SHUT-
DOWN mode to allow data line sharing.
Figure 1. Driver Propagation Delay Timing
0.8V
VCC
0V
0V
RX IN
RX
OUTPUT
1.3V
t HLR
1.7V
t LHR
1337 F02
VCC
0V
Figure 2. Receiver Propagation Delay Timing
TI E WAVEFOR
S
G
WITCHI
S
TEST CIRCUITS
DRIVER
DRIVER
INPUT
3k
51pF
DRIVER
OUTPUT
1337 F03
Figure 3. Driver Timing Test Load
ESD Test Circuit
1.4V
0V
VCC
0V
V+
V–
0V
DRIVER
INPUT
DRIVER
OUTPUT
1.4V
t HLD
t LHD
1337 F01
1337 TC01
VCC
C1
0.1
µF
LTC1337
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN
ON/OFF
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C3
0.1
µF
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT
V–
V+
C2
0.1
µF
C4
0.1
µF
GND
RS232
LINE PINS
PROTECTED
TO ±10kV
RX
RX IN
51pF
RX
OUTPUT
1337 F04
Figure 4. Receiver Timing Test Load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com