Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1337CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1337CS
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1337CS Datasheet(HTML) 6 Page - Linear Technology

  LTC1337CS Datasheet HTML 1Page - Linear Technology LTC1337CS Datasheet HTML 2Page - Linear Technology LTC1337CS Datasheet HTML 3Page - Linear Technology LTC1337CS Datasheet HTML 4Page - Linear Technology LTC1337CS Datasheet HTML 5Page - Linear Technology LTC1337CS Datasheet HTML 6Page - Linear Technology LTC1337CS Datasheet HTML 7Page - Linear Technology LTC1337CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1337
S
APPLICATI
TYPICAL
Operation Using 5V and 12V Power Supplies
Typical Mouse Driving Application
1137 TA04
5V VCC
0.1
µF
0.1
µF
DB9
LTC1337
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER OUT
RX IN
DRIVER OUT
RX IN
RX IN
RX IN
DRIVER OUT
RX IN
ON/OFF
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DRIVER IN
RX OUT
DRIVER IN
RX OUT
RX OUT
RX OUT
DRIVER IN
RX OUT
GND
MOUSE
V–
V+
LOGIC “0”
LOGIC “0”
MOUSE DATA
LOGIC “1”
DCD
DSR
RX
RTS
TX
CTS
DTR
RI
(1)
(9)
(5)
LOGIC
OPTICS
V+
V –
+
C2+
C2–
0.1
µF
0.1
µF
C1+
C1–
1337 TA03
5V VCC
12V V+
0.1
µF
TO LINE
LTC1337
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DRIVER IN
RX OUT
DRIVER IN
RX OUT
RX OUT
RX OUT
DRIVER IN
RX OUT
TO LOGIC
V–
V+
VCC
C1–
C1+
0.01
µF
+
0.01
µF
GND
0.1
µF
C2+
C2–
DRIVER OUT
RX IN
DRIVER OUT
RX IN
RX IN
RX IN
DRIVER OUT
RX IN
ON/0FF = 5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com