Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1344AI Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1344AI
Description  Software-Selectable Cable Terminator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1344AI Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1344AI Datasheet HTML 4Page - Linear Technology LTC1344AI Datasheet HTML 5Page - Linear Technology LTC1344AI Datasheet HTML 6Page - Linear Technology LTC1344AI Datasheet HTML 7Page - Linear Technology LTC1344AI Datasheet HTML 8Page - Linear Technology LTC1344AI Datasheet HTML 9Page - Linear Technology LTC1344AI Datasheet HTML 10Page - Linear Technology LTC1344AI Datasheet HTML 11Page - Linear Technology LTC1344AI Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1344A
©LINEAR TECHNOLOGY CORPORATION 1998
1344af, sn1344a LT/TP 0898 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
Figure 13 shows a typical application for the LTC1344A
using the LTC1543 mixed mode transceiver chip to gener-
ate the clock and data signals for a serial interface. The
LTC1344A VEE supply is generated from the LTC1543
charge pump and the select lines M0, M1, M2 and
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1334
Single Supply RS232/RS485 Transceiver
2 RS485 Dr/Rx or 4 RS232 Dr/Rx Pairs
LTC1343
Multiprotocol Serial Transceiver
Software Selectable Mulitprotocol Interface
LTC1345
Single Supply V.35 Transceiver
3 Dr/3 Rx for Data and CLK Signals
LTC1346A
Dual Supply V.35 Transceiver
3 Dr/3 Rx for Data and CLK Signals
LTC1543
Multiprotocol Serial Transceiver
Software-Selectable Transceiver for Data and CLK Signals
LTC1544
Multiprotocol Serial Transceiver
Software-Selectable Transceiver for Control Signals
DCE/DTE are shared by both chips. Each driver output and
receiver input is connected to one of the LTC1344A
termination ports. Each electrical protocol can then be
chosen using the digital select lines.
TYPICAL APPLICATIO
Figure 13. Typical Application Using the LTC1344A
LTC1543
24
1344 F13
426
5
6
7
8
9
10
23
22
21
20
19
18
17
16
15
M0
M1
M2
DCE/DTE
11
12
13
14
LTC1344A
14
21
22
23
24
1
2
5
3
8
11
12
13
4
6
7
9
10
16
15
18
17
19
20
DTE
DCE
TXD+
RXD+
TXD–
RXD–
RXD+
TXD+
RXD–
TXD–
SCTE +
RXC+
SCTE –
RXC –
TXC +
TXC+
RXC +
SCTE+
RXC –
SCTE–
TXC –
TXC –
VCC
VEE
M2
M1
M0
C2
3.3
µF
C1
1
µF
100pF
100pF
100pF
LATCH
DCE/DTE
M2
M1
M0
DCE/DTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com