Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1344AI Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1344AI
Description  Software-Selectable Cable Terminator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1344AI Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1344AI Datasheet HTML 3Page - Linear Technology LTC1344AI Datasheet HTML 4Page - Linear Technology LTC1344AI Datasheet HTML 5Page - Linear Technology LTC1344AI Datasheet HTML 6Page - Linear Technology LTC1344AI Datasheet HTML 7Page - Linear Technology LTC1344AI Datasheet HTML 8Page - Linear Technology LTC1344AI Datasheet HTML 9Page - Linear Technology LTC1344AI Datasheet HTML 10Page - Linear Technology LTC1344AI Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1344A
APPLICATIONS INFORMATION
Figure 6. Typical V.11 Interface
Z
Z
Z
S1
ON
S2
OFF
124
Ω
LTC1344A
V.11
RECEIVER
A
B
C
1344 F07
51.5
Ω
51.5
Ω
IZ
–3V
3V
10V
–10V
– 3.25mA
3.25mA
VZ
Figure 7. V.11 Interface Using the LTC1344A
V.28 (RS232) Termination
A typical V.28 unbalanced interface is shown in Figure 8.
A V.28 single-ended generator output A with ground C is
connected to a single-ended receiver with input A
' con-
nected to A, ground C
' connected via the signal return
ground to C. The V.28 standard requires a 5k terminating
resistor to ground which is included in almost all compli-
ant receivers as shown in Figure 9. Because the termina-
tion is included in the receiver, both switches S1 and S2 in
the LTC1344A are turned off.
A
CABLE
TERMINATION
LOAD
GENERATOR
BALANCED
INTERCONNECTING
CABLE
RECEIVER
A
'
CC
'
1344 F08
Figure 8. Typical V.28 Interface
S1
OFF
S2
OFF
124
Ω
LTC1344A
V.28
RECEIVER
A
B
C
1344 F09
51.5
Ω
51.5
Ω
5k
Figure 9. V.28 Interface Using the LTC1344A
V.35 Termination
A typical V.35 balanced interface is shown in Figure 10. A
V.35 differential generator with outputs A and B with
ground C is connected to a differential receiver with
ground C
', inputs A' connected to A, B' connected to B. The
V.35 interface requires a T-network termination at the
receiver end and the generator end. In V.35 mode both
switches S1 and S2 in the LTC1344A are turned on as
shown in Figure 11.
The differential impedance measured at the connector
must be 100
Ω ±10Ω and the impedance between shorted
terminals A
' and B' to ground C' must be 150
Ω ±15Ω. The
input impedance of the V.35 receiver is connected in
parallel with the T-network inside the LTC1344A, which
could cause the overall impedance to fail the specification
A
CABLE
TERMINATION
LOAD
GENERATOR
BALANCED
INTERCONNECTING
CABLE
RECEIVER
A
'
BB
'
C
'
C
100
Ω
MIN
1344 F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com