Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # LLDB3
Description  150mW Bi-directional Trigger Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLDB3 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  LLDB3_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLDB3_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLDB3_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LLDB3_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd LLDB3_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
MARKING
LLDB3
LLDB3TG
PART NO.
LLDB3
LLDB3
Document Number: DS_S1407002
Version: D14
Taiwan Semiconductor
Small Signal Product
G
L1
PACKAGE
L1
G
Mini-MELF
(LL34)
Mini-MELF
(LL34)
PACKING
2.5K / 7" Reel
LLDB3-N0 L1G
L1
G
MANUFACTURE
CODE (Note)
GREEN COMPOUND
CODE
Note: Indicator of manufacturing site for manufacture special control, if empty means no special control requirement
EXAMPLE
2.5K / 7" Reel
LLDB3 L1G
L1
G
Green compound
PREFERRED P/N
LLDB3/ LLDB3TG
Green compound
MANUFACTURE
CODE
N0
ORDERING INFORMATION
PACKING CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com