Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LLDB3
Description  150mW Bi-directional Trigger Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLDB3 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LLDB3_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLDB3_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLDB3_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LLDB3_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd LLDB3_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Case: Mini-MELF package
- High temperature soldering guaranteed: 260°C/10s
- Weight: 29 ± 2.5 mg
- Terminal: Pure tin plated, lead free,
solderable per MIL-STD-202, method 208 guaranteed
- Pb free and RoHS compliant
IFRM
A
PD
mW
RθJA
oC/W
TJ, TSTG
oC
Notes: Valid provided that electrodes are kept at ambient temperature
SYMBOL
MIN
TYP
MAX
UNIT
28
32
36
30
32
34
±3
±2
5
9
VO
5
V
IB
10
µA
100
-
15
Document Number: DS_S1407002
- Surface mounted device
- All external surfaces are corrosion resistant and
terminals are readily solderable
Mini-MELF (LL34)
Hermetically Sealed Glass
Notes: Test Circuit
VB = 0.5VBO (Max)
400
- 40 to + 125
Break-Over Current
LLDB3
Thermal Resistance (Junction to Ambient)
(Note)
Output Voltage
Version: D14
150
Power Dissipation
Leakage Current
LLDB3TG
VBO
PARAMETER
TEST CONDITION
Small Signal Product
150mW Bi-directional Trigger Diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
℃ unless otherwise noted)
VALUE
UNIT
MECHANICAL DATA
PARAMETER
SYMBOL
LLDB3/ LLDB3TG
FEATURES
Break-Over Voltage
LLDB3
- Hermetically sealed glass
- Matte Tin(Sn) terminal finish
Taiwan Semiconductor
(Note)
Repetitive Peak Forward Current
Pulse Width = 20µs
2
Junction and Storage Temperature Range
LLDB3TG
IBO to IF=10mA
Dynamic Breakdown Voltage
△V
V
C=22nF
V
LLDB3
LLDB3TG
LLDB3TG
IBO
C=22nF
µA
Break-Over Voltage Symmetry
+ / -VBO
C=22nF
V
LLDB3


Similar Part No. - LLDB3_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLDB3L1 TSC-LLDB3L1 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
LLDB3L1 TSC-LLDB3L1 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3_10 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
logo
Micro Commercial Compon...
LLDB3 MCC-LLDB3_12 Datasheet
384Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3_17 Datasheet
50Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results

Similar Description - LLDB3_14

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DB-3 LRC-DB-3 Datasheet
55Kb / 4P
Bi-directional trigger diodes
logo
Taiwan Semiconductor Co...
DB3 TSC-DB3 Datasheet
85Kb / 2P
150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
TESDE5V0 TSC-TESDE5V0_09 Datasheet
85Kb / 2P
150mW,Bi-directional ESD Protection Diode
logo
Fairchild Semiconductor
DB3-DB3TG FAIRCHILD-DB3-DB3TG Datasheet
188Kb / 4P
150mW Bi-directional Trigger Diodes
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3_10 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
DB3 TSC-DB3_10 Datasheet
221Kb / 3P
150mW Bi-directional Trigger Diode
LLDB3-L1 TSC-LLDB3-L1 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
logo
SHIKUES Electronics
LLDB3 SKTECHNOLGY-LLDB3 Datasheet
600Kb / 3P
150mW Bi-directional Trigger Diode
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com