Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5246B Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5246B
Description  500mW, 5% Tolerance SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5246B Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5246B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PART NO.
MMSZ52xxB
(Note2)
PART NO.
MMSZ5221B
MMSZ5221B
MMSZ5221B
Document Number: DS_S1407007
Version: D14
RH
G
SOD-123F
MMSZ5221B-L0 RHG
L0
G
3K / 7" Reel
Green compound
GREEN COMPOUND
CODE
DESCRIPTION
G
Note1: Indicator of manufacturing site for manufacture special control, if empty means no special control requirement
EXAMPLE
RH
RH
MMSZ5221B ~ MMSZ5263B
Green compound
MANUFACTURE
CODE
B0
ORDERING INFORMATION
PACKING CODE
PACKING CODE
Green compound
PREFERRED P/N
Note2: "xx" is Device Code from "21" thru "63", detail could follow the previous page
MMSZ5221B-B0 RHG
RH
G
MMSZ5221B RHG
Taiwan Semiconductor
Small Signal Product
PACKAGE
GREEN COMPOUND
CODE
MANUFACTURE
CODE (Note1)
PACKING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com