Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5246B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5246B
Description  500mW, 5% Tolerance SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5246B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5246B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ5246B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
- VZ Tolerance Selection of ±5%
SOD-123F
- Matte Tin(Sn) lead finish
- Case: Flat lead SOD-123 small outline plastic package
- Terminal: Matte tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
- Polarity: Indicated by cathode band
- Weight : 8.85 ± 0.5mg
VF
V
PD
mW
RθJA
oC/W
TJ
oC
TSTG
oC
VBR
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
Document Number: DS_S1407007
: Voltage at current IZT
ZENER I vs. V CHARACTERISTICS
0.9
500
Power Dissipation
Thermal Resistance from Junction to Ambient
(Note)
Junction Temperature
330
: Voltage at IZM
MMSZ5221B ~ MMSZ5263B
FEATURES
: Voltage at IZK
Taiwan Semiconductor
Small Signal Product
- Wide zener voltage range selection: 2.4V to 56V
Version: D14
- 65 to + 150
VALUE
UNIT
Storage Temperature
Notes: Valid provided that electrodes are kept at ambient temperature
PARAMETER
150
Forward Voltage
@ IF = 10mA
SYMBOL
- Moisture sensitivity level 1
500mW, 5% Tolerance SMD Zener Diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
MECHANICAL DATA
- High temperature soldering guaranteed: 260°C/10s
- Surface Mount Device Type


Similar Part No. - MMSZ5246B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5246B PANJIT-MMSZ5246B Datasheet
82Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Fairchild Semiconductor
MMSZ5246B FAIRCHILD-MMSZ5246B Datasheet
158Kb / 5P
5% TOLERANCE
logo
Diodes Incorporated
MMSZ5246B DIODES-MMSZ5246B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Micro Commercial Compon...
MMSZ5246B MCC-MMSZ5246B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
MMSZ5246B DIOTEC-MMSZ5246B Datasheet
54Kb / 2P
Surface mount Zener Diodes
More results

Similar Description - MMSZ5246B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
500mW,5% Tolerance Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
500mW,5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
500mW, 5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com