Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1393CS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1393CS
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1393CS Datasheet(HTML) 2 Page - Linear Technology

  LTC1393CS Datasheet HTML 1Page - Linear Technology LTC1393CS Datasheet HTML 2Page - Linear Technology LTC1393CS Datasheet HTML 3Page - Linear Technology LTC1393CS Datasheet HTML 4Page - Linear Technology LTC1393CS Datasheet HTML 5Page - Linear Technology LTC1393CS Datasheet HTML 6Page - Linear Technology LTC1393CS Datasheet HTML 7Page - Linear Technology LTC1393CS Datasheet HTML 8Page - Linear Technology LTC1393CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1380/LTC1393
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Total Supply Voltage
LTC1380 (VCC to VEE) ......................................... 15V
LTC1393 (VCC to GND) ....................................... 15V
Analog Input Voltage
LTC1380 ............................. VEE – 0.3V to VCC + 0.3V
LTC1393 ................................... – 0.3V to VCC + 0.3V
Digital Inputs .............................................– 0.3V to 15V
LTC1380 (VCC TO VEE) .... (VEE – 0.3V) to (VEE + 15V)
LTC1393 (VCC to GND) ..........................–0.3V to 15V
Maximum Switch-On Current .............................. 65mA
Power Dissipation ............................................. 500mW
Operating Ambient Temperature Range
LTC1380C/LTC1393C ....................... 0
°C ≤ TA ≤ 70°C
LTC1380I/LTC1393I .................... – 40
°C ≤ TA ≤ 85°C
Junction Temperature ........................................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1393CGN
LTC1393CS
LTC1393IGN
LTC1393IS
LTC1380CGN
LTC1380CS
LTC1380IGN
LTC1380IS
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
VCC
SCL
SDA
A0
A1
GND
VEE
DO
TJMAX = 125°C, θJA = 130°C/ W (GN)
TJMAX = 125°C, θJA = 100°C/ W (S)
TJMAX = 125°C, θJA = 130°C/ W (GN)
TJMAX = 125°C, θJA = 100°C/ W (S)
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0+
S0 –
S1+
S1–
S2+
S2–
S3+
S3–
VCC
SCL
SDA
A0
A1
GND
DO
–
DO
+
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VANALOG
Analog Signal Range
LTC1380
q
VEE
VCC
V
LTC1393
q
0VCC
V
RON
On Resistance
LT1380: VCC = 5V, VEE = – 5V,
35
70
Ω
VEE ≤ (VS, VD) ≤ VCC, ID = ±1mA
q
120
Ω
LT1393: VCC = 5V,
70
140
Ω
0V
≤ (VS, VD) ≤ VCC, ID = ±1mA
q
200
Ω
LT1380/LTC1393: VCC = 2.7V, VEE = 0V,
210
400
Ω
0V
≤ (VS, VD) ≤ VCC, ID = ±1mA
q
600
Ω
∆RON vs VS
VEE ≤ (VS, VD) ≤ VCC, VCC = 5V
20
%
RON vs Temperature
VCC = 5V
0.5
%/
°C
ILEAK
Off-Channel or On-Channel
LTC1380: (VEE + 0.5V) ≤ (VS, VD) ≤ (VCC – 0.5V)
±0.05
±5nA
Switch Leakage
LTC1393: 0.5V
≤ (VS, VD) ≤ (VCC – 0.5V)
q
±50
nA
(Notes 2, 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com