Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1393CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1393CS
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1393CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1393CS Datasheet HTML 3Page - Linear Technology LTC1393CS Datasheet HTML 4Page - Linear Technology LTC1393CS Datasheet HTML 5Page - Linear Technology LTC1393CS Datasheet HTML 6Page - Linear Technology LTC1393CS Datasheet HTML 7Page - Linear Technology LTC1393CS Datasheet HTML 8Page - Linear Technology LTC1393CS Datasheet HTML 9Page - Linear Technology LTC1393CS Datasheet HTML 10Page - Linear Technology LTC1393CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1380/LTC1393
TEST CIRCUITS
SCL
SD
SDA
RL
1k
CL
35pF
VD
VC
1/2 • (VCC + VEE)
SCL
SDA
1V
LTC1380
1.5V
STOP CONDITION
WITH EN = 1
STOP CONDITION
WITH EN = 0
SCL
0.4V
1.5V
1V
20%
tr < 20ns, tf < 20ns
tON
SDA
0.4V
VD
VC
1V
80%
1380/93 F01
tOFF
Figure 3. Charge Injection Test
SCL
SD
SDA
CL
1000pF
CHARGE INJECTION
∆Q = ∆VD • CL
VD
SCL
SDA
VC
LTC1380
1.5V
STOP CONDITION
WITH EN = 1
STOP CONDITION
WITH EN = 0
SCL
0.4V
1.5V
SDA
0.4V
VD
VC
∆VD
1380/93 F03
∆VD
SCL
SD
SDA
RL
1k
VD
VC2
1/2 • (VCC + VEE)
OIRR = 20LOG10 (VD/VS)
WHERE VS AND VD ARE THE
AC VOLTAGE COMPONENTS
AT S AND D
VC1
1/2 • (VCC + VEE)
VS
200mVP-P
100kHz
SCL
SDA
LTC1380
1380/93 F02
Figure 2. Off-Channel Isolation (OIRR) Test
Figure 1. Switch tON/tOFF Propagation Delay from SMBus STOP Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com