Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1400CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1400CS8
Description  Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1400CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1400CS8 Datasheet HTML 10Page - Linear Technology LTC1400CS8 Datasheet HTML 11Page - Linear Technology LTC1400CS8 Datasheet HTML 12Page - Linear Technology LTC1400CS8 Datasheet HTML 13Page - Linear Technology LTC1400CS8 Datasheet HTML 14Page - Linear Technology LTC1400CS8 Datasheet HTML 15Page - Linear Technology LTC1400CS8 Datasheet HTML 16Page - Linear Technology LTC1400CS8 Datasheet HTML 17Page - Linear Technology LTC1400CS8 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1400
TYPICAL APPLICATIONS
Hardware Interface to TMS320C50’s TDM Serial Port (Frame Sync is Generated from TFSX)
VCC
AIN
VREF
VSS
CLK
CONV
DOUT
GND
TCLKX
TCLKR
TFSX
TFSR
TDR
LTC1400
TMS320C50
+
10
µF
0.1
µF
UNIPOLAR
INPUT
+
10
µF
0.1
µF
5V
LTC1400 • TA04a
1
2
3
84
6
7
5
Logic Analyzer Waveforms Show 3.2
µs Throughput Rate (Input Voltage = 3.046V, Output Code = 1011 1110 0110 = 304610)
Data from LTC1400 Loaded into TMS320C50’s TRCV Register
D0
X
X
D1
D2
D4
D5
D3
RDY
X
D11 D10 D9
D8
D7
D6
Data Stored in TMS320C50’s Memory (in Right Justified Format)
D2
D1
D0
D3
D4
D6
D7
D5
0
0
0
RDY D11 D10 D9
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com