Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1400CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1400CS8
Description  Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1400CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1400CS8 Datasheet HTML 11Page - Linear Technology LTC1400CS8 Datasheet HTML 12Page - Linear Technology LTC1400CS8 Datasheet HTML 13Page - Linear Technology LTC1400CS8 Datasheet HTML 14Page - Linear Technology LTC1400CS8 Datasheet HTML 15Page - Linear Technology LTC1400CS8 Datasheet HTML 16Page - Linear Technology LTC1400CS8 Datasheet HTML 17Page - Linear Technology LTC1400CS8 Datasheet HTML 18Page - Linear Technology LTC1400CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC1400
TYPICAL APPLICATIONS
TMS320C50 Code for Circuit
THIS PROGRAM DEMONSTRATES LTC1400 INTERFACE TO TMS320C50
FRAME SYNC PULSE IS GENERATED FROM TFSX
*Initialization*
.mmregs
; Defines global symbolic names
;- - Initialized data memory to zero
.ds
0F00h
; Initialize data to zero
DATA0
.word
0
; Begin sample data location
DATA1
.word
0
; .
DATA2
.word
0
; Location of data
DATA3
.word
0
; .
DATA4
.word
0
; .
DATA5
.word
0
; End sample data location
;- - Set up the ISR vector
.ps
080Ah
; Serial ports interrupts
rint :
B
RECEIVE
; 0A;
xint :
B
TRANSMIT
; 0C;
trnt :
B
TREC
; 0E;
txnt :
B
TTRANX
; 10;
;- - Setup the reset vector
.ps 0A00h
.entry
START:
*TMS32C050 Initialization*
SETC INTM
; Temporarily disable all interrupts
LDP
#0
; Set data page pointer to zero
OPL
#0834h, PMST ; Set up the PMST status and control register
LACC #0
SAMM CWSR
; Set software wait state to 0
SAMM PDWSR
;
*Configure Serial Port*
SPLK #0038h, TSPC ; Set TDM Serial Port
; TDM = 0 Stand Alone mode
; DLB=0 Not loop back
; FO=0 16 Bits
; FSM=1 Burst Mode
; MCM=1 CLKX is generated internally
; TXM=1 FSX as output pin
; Put serial port into reset
; (XRST=RRST=0)
SPLK #00F8h, TSPC
; Take Serial Port out of reset
; (XRST=RRST=1)
SPLK #0FFFFh, IFR
; Clear all the pending interrupts
*Start Serial Communication*
SACL TDXR
; Generate frame sync pulse
SPLK #040h, IMR
; Turn on TRNT receiver interrupt
CLRC INTM
; Enable interrupt
CLRC SXM
; For Unipolar input, set for right shift
; with no sign extension
MAR *AR7
; Load the auxiliary register pointer with seven
LAR
AR7, #0F00h
; Load the auxiliary register seven with #0F00h
; as the begin address for data storage
WAIT:
NOP
; Wait for a receive interrupt
NOP
;
NOP
;
SACL TDXR
; !! regenerate the frame sync pulse
B
WAIT
;
; - - - - - - - end of main program - - - - - - - - - - ;
*Receiver Interrupt Service Routine*
TREC:
LAMM TRCV
; Load the data received from LTC1400
SFR
; Shift right two times
SFR
;
AND
#1FFFh, 0
; ANDed with #1FFFh
; For converting the data to right
; justified format
;
SACL *+, 0
; Write to data memory pointed by AR7 and
; increase the memory address by one
LACC AR7
;
SUB
#0F05h,0
; Compare to end sample address #0F05h
BCND END_TRCV, GEQ ; If the end sample address has exceeded jump
to END_TRCV
;
SPLK #040h, IMR
; Else Re-enable the TRNT receive interrupt
RETE
; Return to main program and enable interrupt
*After Obtained the Data from LTC1400, Program Jump to END_TRCV*
END_TRCV:
SPLK #002h, IMR
; Enable INT2 for program to halt
CLRC INTM
SUCCESS:
B
SUCCESS
*Fill the Unused Interrupt with RETE, to avoid program get “lost”*
TTRANX:
RETE
RECEIVE:
RETE
TRANSMIT:
RETE
INT2:
B halt
; Halts the running CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com