Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1402IGN
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1402IGN Datasheet HTML 10Page - Linear Technology LTC1402IGN Datasheet HTML 11Page - Linear Technology LTC1402IGN Datasheet HTML 12Page - Linear Technology LTC1402IGN Datasheet HTML 13Page - Linear Technology LTC1402IGN Datasheet HTML 14Page - Linear Technology LTC1402IGN Datasheet HTML 15Page - Linear Technology LTC1402IGN Datasheet HTML 16Page - Linear Technology LTC1402IGN Datasheet HTML 17Page - Linear Technology LTC1402IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1402
Low impedance analog and digital power supply common
returns are essential to low noise operation of the ADC and
the foil width for these tracks should be as wide as
possible. The traces connecting the pins and bypass
capacitors must be kept short and should be made as wide
as possible.
The LTC1402 has differential inputs to minimize noise
coupling. Common mode noise on the AIN+ and AIN– leads
will be rejected by the input CMRR. The AIN– input can be
used as a ground sense for the AIN+ input; the LTC1402 will
hold and convert the difference voltage between AIN+ and
AIN– . The leads to AIN+ (Pin 3) and AIN– (Pin 4) should be
kept as short as possible. In applications where this is not
possible, the AIN+ and AIN– traces should be run side-by-
side to cancel noise coupling.
SUPPLY BYPASSING
High quality, low series resistance 10
µF ceramic bypass
capacitors should be used at the VDD and VREF pins.
Surface mount ceramic capacitors such as Murata
GRM235Y5V106Z016 provide excellent bypassing in a
small board space. Alternatively, 10
µF tantalum capaci-
tors in parallel with 0.1
µF ceramic capacitors can be used.
Bypass capacitors must be located as close to the pins as
possible. The traces connecting the pins and the bypass
capacitors must be kept short and should be made as wide
as possible.
POWER-DOWN MODES
Upon power-up, the LTC1402 is initialized to the active
state and is ready for conversion. The Nap and Sleep Mode
waveforms show the power-down modes for the LTC1402.
APPLICATIONS INFORMATION
DOUT is binary with 1LSB = FS/4096 = 4.096V/4096 =
1.0mV. In applications where absolute accuracy is impor-
tant, offset and full-scale errors can be adjusted to zero.
Offset error must be adjusted before full-scale error. In
Figure 9b, zero offset is achieved by adjusting the offset
applied to the AIN– input. For zero offset error apply
– 0.5mV (i.e., – 0.5LSB) to AIN+ and adjust the offset at the
AIN– input using R8 until the output code flickers between
0000 0000 0000 and 0000 0000 0001. For full-scale ad-
justment in Figures 9a and 9b, apply an input voltage of
2.0465V (FS – 1.5LSBs) to AIN+ and adjust R5 until the
output code flickers between 1111 1111 1110 and 1111
1111 1111.
BOARD LAYOUT AND BYPASSING
Wire wrap boards are not recommended for high resolu-
tion and/or high speed A/D converters. To obtain the best
performance from the LTC1402, a printed circuit board
with ground plane is required. Layout for the printed
circuit board should ensure that digital and analog signal
lines are separated as much as possible. In particular, care
should be taken not to run any digital track alongside an
analog signal track.
An analog ground plane separate from the logic system
ground should be established under and around the ADC.
Pin 2 (AGND1), Pin 6 (AGND2), Pin 13 (DGND) and all
other analog grounds should be connected directly to an
analog ground plane. Pin 9 (OGND) should be connected
near Pin13 (DGND), where the analog ground plane ties to
the logic system ground. The VREF bypass capacitor and
the DVDD bypass capacitor should also be connected to
this analog ground plane, see Figure 10. No other digital
grounds should be connected to this analog ground plane.
Figure 10. Power Supply Grounding Practice
1402 F10
AIN
+
AGND2
AGND1
VREF
AVDD DVDD
OVDD
DOUT
OGND
LTC1402
DIGITAL
SYSTEM
SYSTEM
GROUND
10
µF
10
µF
ANALOG
INPUT
CIRCUITRY
614
5
4
112
13
9
10
12
3V TO 5V
DGND
3
AIN
–
VSS
2
ANALOG GROUND PLANE
10
µF
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com