Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1402IGN
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1402IGN Datasheet HTML 12Page - Linear Technology LTC1402IGN Datasheet HTML 13Page - Linear Technology LTC1402IGN Datasheet HTML 14Page - Linear Technology LTC1402IGN Datasheet HTML 15Page - Linear Technology LTC1402IGN Datasheet HTML 16Page - Linear Technology LTC1402IGN Datasheet HTML 17Page - Linear Technology LTC1402IGN Datasheet HTML 18Page - Linear Technology LTC1402IGN Datasheet HTML 19Page - Linear Technology LTC1402IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1402
APPLICATIONS INFORMATION
Figure 13. DSP Serial Interface to TMS320C54x
1402 F13
11
16
15
10
9
3-WIRE SERIAL
INTERFACE LINK
OVDD
CONV
SCK
LTC1402
DOUT
VCC
BFSR
BCLKR
TMS320C54x
BDR
OGND
CONV
CLK
5V
REF
B11
B10
HARDWARE INTERFACE TO TMS320C54x
The LTC1402 is a serial output ADC whose interface has
been designed for high speed buffered serial ports in fast
digital signal processors (DSPs). Figure 13 shows an
example of this interface using a TMS320C54X.
The buffered serial port in the TMS320C54x has direct
access to a 2kB segment of memory. The ADC’s serial data
can be collected in two alternating 1kB segments, in real
time, at the full 2.2Msps conversion rate of the LTC1402.
The DSP assembly code sets frame sync mode at the BFSR
pin to accept an external positive going pulse, and the
serial clock at the BCLKR pin to accept an external positive
edge clock. Buffers near the LTC1402 may be added to
drive long tracks to the DSP to prevent corruption of the
signal to LTC1402. This configuration is adequate to
traverse a typical system board, but source resistors at the
buffer outputs, and termination resistors at the DSP may
be needed to match the characteristic impedance of very
long transmission lines. If you need to terminate the DOUT
transmission line, buffer it first with one or two 74ACxx
gates. The TTL threshold inputs of the DSP port respond
properly to the 2.5V swing of the terminated transmission
lines. The OVDD supply output driver supply voltage can be
driven directly from the DSP.
; ***************************************************************************
; Files: BSP2KB.ASM ->
; 2kbyte collection into DSKPlus TMS320C542 with Serial Port interface to LTC1402
; first element at 1024, last element at 1023, two middle elements at 2047 and 0000
; bipolar mode
; ***************************************************************************
.width
160
.length
110
.title “sineb0 BSP in auto buffer mode”
.mmregs
.setsect “.text”,
0x500,0
;Set address of executable
.setsect “vectors”, 0x180,0
;Set address of incoming 1402 data
.setsect “buffer”, 0x800,0
;Set address of BSP buffer for clearing
.setsect “result”,
0x1800,0
;Set address of result for clearing
.text
;.text marks start of code
start:
;Make sure /PWRDWN is low at J1-9 to turn off AC01 adc
tim=#0fh
prd=#0fh
tcr = #10h
; stop timer
tspc = #0h
; stop TDM serial port to AC01
pmst = #01a0h ; set up iptr. Processor Mode STatus register
sp = #0700h
; init stack pointer.
dp = #0
; data page
ar2 = #1800h
; pointer to computed receive buffer.
ar3 = #0800h
; pointer to Buffered Serial Port receive buffer
ar4 = #0h
; reset record counter
call sineinit
; Double clutch the initialization to insure a proper
sinepeek:
; insert debugger break here to view results
call sineinit
; reset. The external frame sync must occur 2.5 clocks
; or more after the port comes out of reset.
wait
goto wait



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com