Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1409CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1409CSW
Description  12-Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1409CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1409CSW Datasheet HTML 7Page - Linear Technology LTC1409CSW Datasheet HTML 8Page - Linear Technology LTC1409CSW Datasheet HTML 9Page - Linear Technology LTC1409CSW Datasheet HTML 10Page - Linear Technology LTC1409CSW Datasheet HTML 11Page - Linear Technology LTC1409CSW Datasheet HTML 12Page - Linear Technology LTC1409CSW Datasheet HTML 13Page - Linear Technology LTC1409CSW Datasheet HTML 14Page - Linear Technology LTC1409CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1409
S
APPLICATI
I FOR ATIO
bandwidth must be greater than 20MHz to ensure
adequate small-signal settling for full throughput rate. If
slower op amps are used, more settling time can be
provided by increasing the time between conversions.
The best choice for an op amp to drive the LTC1409 will
depend on the application. Generally applications fall into
two categories: AC applications where dynamic specifi-
cations are most critical, and time domain applications
where DC accuracy and settling time are most critical.
The following list is a summary of the op amps that are
suitable for driving the LTC1409, more detailed informa-
tion is available in the Linear Technology databooks and
the LinearView
TM CD-ROM.
LT
® 1220: 30MHz unity-gain bandwidth voltage feed-
back amplifier.
±5V to ±15V supplies. Excellent DC
specifications, 90ns settling to 0.5LSB.
LT1223: 100MHz video current feedback amplifier. 6mA
supply current.
±5V to ±15V supplies. Low distortion up
to and above 400kHz. Low noise. Good for AC
applications.
LT1227: 140MHz video current feedback amplifier. 10mA
supply current
±5V to ±15V supplies. Lowest distortion
at frequencies above 400kHz. Low noise. Best for AC
applications.
LT1229/LT1230: Dual and quad 100MHz current feed-
back amplifiers.
±2V to ±15V supplies. Low noise. Good
AC specs. 6mA supply current for each amplifier.
LT1360: 37MHz voltage feedback amplifier. 3.8mA sup-
ply current. Good AC/DC specs.
±5V to ±15V supplies.
70ns settling to 0.5LSB.
LT1363: 50MHz, 450V/
µs op amps. 6.3mA supply cur-
rent. Good AC/DC specs. 60ns settling to 0.5LSB.
LT1364/LT1365: Dual and quad 50MHz, 450V/
µs op
amps. 6.3mA supply current per amplifier. 60ns settling
to 0.5LSB.
Input Filtering
The noise and the distortion of the input amplifier and
other circuitry must be considered since they will add to
the LTC1409 noise and distortion. The small-signal band-
width of the sample-and-hold circuit is 20MHz. Any noise
or distortion products that are present at the analog inputs
will be summed over this entire bandwidth. Noisy input
circuitry should be filtered prior to the analog inputs to
minimize noise. A simple 1-pole RC filter is sufficient for
many applications. For example, Figure 7 shows a 1000pF
capacitor from + AIN to ground and a 100Ω source resistor
to limit the input bandwidth to 1.6MHz. The 1000pF
capacitor also acts as a charge reservoir for the input
sample-and-hold and isolates the ADC input from sam-
pling glitch sensitive circuitry. High quality capacitors and
resistors should be used since these components can add
distortion. NPO and silver mica type dielectric capacitors
have excellent linearity. Carbon surface mount resistors
can also generate distortion from self heating and from
damage that may occur during soldering. Metal film
surface mount resistors are much less susceptible to both
problems.
When high amplitude unwanted signals are close in fre-
quency to the desired signal frequency, a multiple pole filter
LTC1409
+AIN
–AIN
VREF
REFCOMP
AGND
LTC1409 • F07
1
2
3
4
5
LTC1560-1
1
2
3
4
8
7
6
5
10
µF
0.1
µF
5V
0.1
µF
–5V
VIN
Figure 7b. 500kHz 5th Order Elliptic Lowpass Filter
LinearView is a trademark of Linear Technology Corporation.
LTC1409
+AIN
–AIN
VREF
REFCOMP
AGND
LTC1409 • F07b
1
2
3
4
5
10
µF
1000pF
50
Ω
ANALOG INPUT
Figure 7a. RC Input Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com