Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1409CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1409CSW
Description  12-Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1409CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1409CSW Datasheet HTML 10Page - Linear Technology LTC1409CSW Datasheet HTML 11Page - Linear Technology LTC1409CSW Datasheet HTML 12Page - Linear Technology LTC1409CSW Datasheet HTML 13Page - Linear Technology LTC1409CSW Datasheet HTML 14Page - Linear Technology LTC1409CSW Datasheet HTML 15Page - Linear Technology LTC1409CSW Datasheet HTML 16Page - Linear Technology LTC1409CSW Datasheet HTML 17Page - Linear Technology LTC1409CSW Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1409
S
APPLICATI
I FOR ATIO
BOARD LAYOUT AND BYPASSING
Wire wrap boards are not recommended for high resolu-
tion or high speed A/D converters. To obtain the best
performance from the LTC1409, a printed circuit board
with ground plane is required. Layout for the printed
circuit board should ensure that digital and analog signal
lines are separated as much as possible. In particular, care
should be taken not to run any digital track alongside an
analog signal track.
An analog ground plane separate from the logic system
ground should be established under and around the ADC.
Pin 5 (AGND), Pin 14 and Pin 19 (ADC’s DGND) and all
other analog grounds should be connected to this single
analog ground point. The REFCOMP bypass capacitor and
the OVDD bypass capacitor should also be connected to
this analog ground plane. No other digital grounds should
be connected to this analog ground plane. Low impedance
analog and digital power supply common returns are
essential to low noise operation of the ADC and the foil
width for these tracks should be as wide as possible. In
applications where the ADC data outputs and control
signals are connected to a continuously active micropro-
cessor bus, it is possible to get errors in the conversion
results. These errors are due to feedthrough from the
microprocessor to the successive approximation com-
parator. The problem can be eliminated by forcing the
microprocessor into a WAIT state during conversion or by
using three-state buffers to isolate the ADC data bus. The
traces connecting the pins and bypass capacitors must be
kept short and should be made as wide as possible.
The LTC1409 has differential inputs to minimize noise
coupling. Common mode noise on the +AIN and –AIN leads
will be rejected by the input CMRR. The –AIN input can be
used as a ground sense for the +AIN input; the LTC1409
will hold and convert the difference voltage between +AIN
and –AIN. The leads to +AIN (Pin 1) and –AIN (Pin 2) should
be kept as short as possible. In applications where this is
not possible, the +AIN and –AIN traces should be run side-
by-side to equalize coupling.
SUPPLY BYPASSING
High quality, low series resistance ceramic, 10
µF bypass
capacitors should be used at the VDD and REFCOMP pins
as shown in the Typical Application on the first page of this
data sheet. Surface mount ceramic capacitors such as
Murata GRM235Y5V106Z016 provide excellent bypass-
ing in a small board space. Alternatively 10
µF tantalum
capacitors in parallel with 0.1
µF ceramic capacitors can be
used. Bypass capacitors must be located as close to the
pins as possible. The traces connecting the pins and
bypass capacitors must be kept short and should be made
as wide as possible.
Example Layout
Figure 13a, 13b, 13c and 13d show the schematic and
layout of a suggested evaluation board. The layout demon-
strates the proper use of decoupling capacitors and ground
plane with a two layer printed circuit board.
LTC1409 • F12
+AIN
AGND
REFCOMP
AVDD OVDD
OGND
LTC1409
DIGITAL
SYSTEM
0.1
µF
+
–
ANALOG
INPUT
CIRCUITRY
5
4
2
28
27
19
DGND
14
1
0.1
µF
10
µF
10
µF
–AIN
+
VSS
26
0.1
µF
10
µF
+
+
ANALOG GROUND PLANE
Figure 12. Power Supply Grounding Practice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com