Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1429CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1429CS
Description  Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1429CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1429CS Datasheet HTML 4Page - Linear Technology LTC1429CS Datasheet HTML 5Page - Linear Technology LTC1429CS Datasheet HTML 6Page - Linear Technology LTC1429CS Datasheet HTML 7Page - Linear Technology LTC1429CS Datasheet HTML 8Page - Linear Technology LTC1429CS Datasheet HTML 9Page - Linear Technology LTC1429CS Datasheet HTML 10Page - Linear Technology LTC1429CS Datasheet HTML 11Page - Linear Technology LTC1429CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1429
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
APPLICATIONS INFORMATION
The internal resistor values are the same for the fixed
output versions of the LTC1429 as they are for the adjust-
able parts. The output voltage can be trimmed, if desired,
by connecting external resistance from the COMP pin to
OUT or ground to alter the divider ratio. As in the adjustable
parts, the absolute value of the internal resistors may vary
significantly from unit to unit. As a result, the further the
trim shifts the output voltage, the less accurate the output
voltage will be. If a precise output voltage other than one
of the available fixed voltages is required, it’s better to use
an adjustable LTC1429 and use precision external resis-
tors. The internal reference is trimmed at the factory to
within 3.5% of 1.24V. With 1% external resistors, the
output will be within 5.5% of the nominal value, even
under worst case conditions.
The LTC1429 can be internally configured with nonstand-
ard fixed output voltages. For details, contact the Linear
Technology Marketing Department.
2
3
4
5
10
9
13
8
7
11
ADJ
RADJ
SYNC/SD
R1
R0
OUT
C1+
C1–
C2+
C2–
0.1
µF
LTC1429 • TA06
NC
NC
6
14
0.1
µF
0.001
µF
0.22
µF
LTC1429CS
3V
≤ VCC ≤ 7V
VCC
GND
3.3
µF
VOUT = –5V ±5%
AT 10mA
–5V Supply Generator
Minimum Parts Count – 4V Generator
1
2
3
4
8
7
6
5
SYNC/SD
REG
OUT
COMP
VCC
C1+
C1–
GND
LTC11429 • TA07
3.3
µF
0.1
µF
5V
LTC1429CS8-4
0.1
µF
VOUT = –4V
TYPICAL APPLICATIONS
3.3V In, – 4.5V Out GaAs FET Bias Generator
2
3
4
5
8
13
12
11
10
9
SYNC/SD
REG
OUT
ADJ
RADJ
C1+
C1–
C2+
C2–
R1
0.1
µF
0.001
µF
0.22
µF
NC
LTC1429 • TA03
3.3
µF
–4.5V BIAS
10k
76
14
0.1
µF
SYNC/SD
3.3V
VBAT
LTC1429CS
VCC
R0
GND
GaAs
TRANSMITTER
P-CHANNEL
POWER SWITCH
5V In, – 4V Out GaAs FET Bias Generator
1
2
3
4
8
7
6
5
SYNC/SD
REG
OUT
COMP
VCC
C1+
C2–
GND
0.001
µF
LTC11429 • TA04
3.3
µF
– 4V BIAS
10k
P-CHANNEL
POWER SWITCH
0.1
µF
SYNC/SD
5V
VBAT
LTC1429CS8-4
GaAs
TRANSMITTER
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com