Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1429CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1429CS
Description  Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1429CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1429CS Datasheet HTML 4Page - Linear Technology LTC1429CS Datasheet HTML 5Page - Linear Technology LTC1429CS Datasheet HTML 6Page - Linear Technology LTC1429CS Datasheet HTML 7Page - Linear Technology LTC1429CS Datasheet HTML 8Page - Linear Technology LTC1429CS Datasheet HTML 9Page - Linear Technology LTC1429CS Datasheet HTML 10Page - Linear Technology LTC1429CS Datasheet HTML 11Page - Linear Technology LTC1429CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1429
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1121
Micropower Low Dropout Regulators with Shutdown
0.4V Dropout Voltage at 150mA, Low Noise, Switched
Capacitor Regulated Voltage Inverter
LTC1261
Switched Capacitor Regulated Voltage Inverter
Selectable Fixed Output Voltage
LTC1550/LTC1551
Low Noise Switched Capacitor Regulated Voltage Inverter
GaAs FET Bias with Linear Regulator 1mV Ripple
TYPICAL APPLICATIONS
1mV Ripple, 5V In, – 4V Out GaAs FET Bias Generator
LT/GP 0695 10K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1995
S Package
14-Lead Plastic SOIC
1
2
3
4
0.150 – 0.157*
(3.810 – 3.988)
14
13
0.337 – 0.344*
(8.560 – 8.738)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
5
6
7
8
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO14 0294
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
1
2
3
4
8
7
6
5
SYNC/SD
REG
OUT
COMP
VCC
C1+
C2–
GND
0.001
µF
LTC1429 • TA05
10
µF
– 4V BIAS
100
µH
10k
Ω
P-CHANNEL
POWER SWITCH
0.1
µF
SYND/SD
5V
VBAT
10
µF
LTC1429CS8-4
GaAs
TRANSMITTER
0.1
µF
PACKAGE DESCRIPTION Dimension in inches (millimeters) unless otherwise noted.
S8 Package
8-Lead Plastic SOIC
1
2
3
4
0.150 – 0.157*
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0294
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com