Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1452 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1452
Description  12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1452 Datasheet(HTML) 1 Page - Linear Technology

  LTC1452 Datasheet HTML 1Page - Linear Technology LTC1452 Datasheet HTML 2Page - Linear Technology LTC1452 Datasheet HTML 3Page - Linear Technology LTC1452 Datasheet HTML 4Page - Linear Technology LTC1452 Datasheet HTML 5Page - Linear Technology LTC1452 Datasheet HTML 6Page - Linear Technology LTC1452 Datasheet HTML 7Page - Linear Technology LTC1452 Datasheet HTML 8Page - Linear Technology LTC1452 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1451
LTC1452/LTC1453
12-Bit Rail-to-Rail
Micropower DACs in SO-8
Daisy-Chained Control Outputs
DIN
CLK
CS/LD
DOUT
DIN
CLK
CS/LD
DOUT
µP
0.1
µF
CONTROL
OUTPUT 1
CONTROL
OUTPUT 2
VCC
VCC
VOUT
VOUT
GND
GND
LTC1451
LTC1451
VREF
VREF
TO NEXT DAC
0.1
µF
5V
1451/2/3 TA01
Differential Nonlinearity
vs Input Code
CODE
0
0.5
0.0
–0.5
1024
2048 2560
1451/2/3 TA02
512
1536
3072 3584 4095
s
Digital Calibration
s
Industrial Process Control
s
Automatic Test Equipment
s
Cellular Telephones
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
12-Bit Resolution
s
Buffered True Rail-to-Rail Voltage Output
s
3V Operation (LTC1453), ICC: 250µA Typ
s
5V Operation (LTC1451), ICC: 400µA Typ
s
3V to 5V Operation (LTC1452), ICC: 225µA Typ
s
Built-In Reference: 2.048V (LTC1451)
1.220V (LTC1453)
s
Multiplying Version (LTC1452)
s
Power-On Reset
s
SO-8 Package
s
3-Wire Cascadable Serial Interface
s
Maximum DNL Error: 0.5LSB
s
Schmitt Trigger on Clock Input Allows Direct
Optocoupler Interface
The LTC
®1451/LTC1452/LTC1453 are complete single
supply, rail-to-rail voltage output 12-bit digital-to-analog
converters (DACs) in an SO-8 package. They include an
output buffer amplifier and an easy-to-use 3-wire
cascadable serial interface.
The LTC1451 has an onboard reference of 2.048V and a
full-scale output of 4.095V. It operates from a single 4.5V
to 5.5V supply.
The LTC1452 is a multiplying DAC with a full-scale output
of twice the reference input voltage. It operates from a
single supply of 2.7V to 5.5V.
The LTC1453 has an onboard 1.22V reference and a full-
scale output of 2.5V. It operates from a single supply of
2.7V to 5.5V.
The low power supply current makes the LTC1451 family
ideal for battery-powered applications. The space saving
8-pin SO package and operation with no external compo-
nents provide the smallest 12-bit DAC system available.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1452

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1452 LINER-LTC1452 Datasheet
166Kb / 16P
16-Bit Rail-to-Rail Micropower DACs in
LTC1452 LINER-LTC1452 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
More results

Similar Description - LTC1452

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1446 LINER-LTC1446 Datasheet
130Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_1 Datasheet
172Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1446IS8 LINEAR_DIMENSIONS-LTC1446IS8 Datasheet
178Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1655LIS8 LINEAR_DIMENSIONS-LTC1655LIS8 Datasheet
184Kb / 16P
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
logo
Linear Technology
LTC1446 LINER-LTC1446_15 Datasheet
178Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446L LINER-LTC1446L_15 Datasheet
178Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1655L LINER-LTC1655L_15 Datasheet
184Kb / 16P
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com