Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1452 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1452
Description  12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1452 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1452 Datasheet HTML 4Page - Linear Technology LTC1452 Datasheet HTML 5Page - Linear Technology LTC1452 Datasheet HTML 6Page - Linear Technology LTC1452 Datasheet HTML 7Page - Linear Technology LTC1452 Datasheet HTML 8Page - Linear Technology LTC1452 Datasheet HTML 9Page - Linear Technology LTC1452 Datasheet HTML 10Page - Linear Technology LTC1452 Datasheet HTML 11Page - Linear Technology LTC1452 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1451
LTC1452/LTC1453
12-Bit 3V to 5V Voltage Output DAC
DIN
CLK
CS/LD
DOUT
µP
0.1
µF
OUTPUT
LTC1451: 0V TO 4.095V
LTC1452: 0V TO 2 • REF
LTC1453: 0V TO 2.5V
LTC1451: 2.048V
LTC1452: EXTERNAL
LTC1453: 1.22V
VCC
VOUT
GND
LTC145X
VREF
TO NEXT DAC FOR
DAISY-CHAINING
LTC1451: 4.5V TO 5.5V
LTC1452: 2.7V TO 5.5V
LTC1453: 2.7V TO 5.5V
1451/2/3 TA03
Digitally Programmable Current Source
CLK
DIN
CS/LD
µP
0.1
µF
VCC
VOUT
GND
5V
LTC1451
1451/2/3 TA05
–
+
LT1077
VS + 5V TO 100V
FOR RL ≤ 50Ω
Q1
2N3440
RA
410
Ω
RL
IOUT =
≈ 0mA TO 10mA
DIN • 4.095
4096 • RA
This circuit shows a digitally programmable current source
from an external voltage source using an external op amp,
an LT1077 and an NPN transistor (2N3440). Any digital
word from 0 to 4095 is loaded into the LTC1451 and its
output correspondingly swings from 0V to 4.095V. In the
configuration shown, this voltage will be forced across the
resistor RA. If RA is chosen to be 410Ω the output current
will range from 0mA at zero-scale to 10mA at full-scale.
The minimum voltage for VS is determined by the load
resistor RL and Q1's VCESAT voltage. With a load resistor
of 50
Ω, the voltage source can be as low as 5V.
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com