Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1471CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1471CS
Description  Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1471CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1471CS Datasheet HTML 1Page - Linear Technology LTC1471CS Datasheet HTML 2Page - Linear Technology LTC1471CS Datasheet HTML 3Page - Linear Technology LTC1471CS Datasheet HTML 4Page - Linear Technology LTC1471CS Datasheet HTML 5Page - Linear Technology LTC1471CS Datasheet HTML 6Page - Linear Technology LTC1471CS Datasheet HTML 7Page - Linear Technology LTC1471CS Datasheet HTML 8Page - Linear Technology LTC1471CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1470/LTC1471
TYPICAL PERFORMANCE CHARACTERISTICS
PIN FUNCTIONS
LTC1470
OUT (Pins 1, 8): Output Pins. The outputs of the LTC1470
are switched between three operating states: OFF, 3.3V
and 5V. These pins are protected against accidental short
circuits to ground by SafeSlot current limit circuitry which
protects the socket, the card, and the system power
supplies against damage. A second level of protection is
provided by thermal shutdown circuitry which protects
both switches against over-temperature conditions.
5VIN (Pin 2): 5V Input Supply Pin. The 5VIN supply pin
serves two purposes. The first purpose is as the power
supply input for the 5V NMOS switch. The second purpose
is to provide power for the input, gate drive, and protection
circuitry for both the 3.3V and 5V VCC switches. This pin
must therefore be continuously powered.
EN1, EN0 (Pins 3, 4): Enable Inputs. The two VCC Enable
inputs are designed to interface directly with industry
standard PCMCIA controllers and are high impedance
CMOS gates with ESD protection diodes to ground, and
should not be forced below ground. Both inputs have
about 100mV of built-in hysteresis to ensure clean switch-
ing between operating modes. The LTC1470 is designed
to operate
without 12V power. The gates of the VCC NMOS
switches are powered by charge pumps from the 5VIN
supply pins (see Applications Information section for
more detail). The Enable inputs should be turned off (both
asserted high or both asserted low) at least 100
µs before
the 5VIN power is removed to ensure that both VCC NMOS
switch gates are fully discharged and both switches are in
the high impedance mode.
GND (Pin 5): Ground Connection.
3VIN (Pins 6, 7): 3V Input Supply Pins. The 3VIN supply
pins serve as the power supply input for the 3.3V switches.
These pins do not provide any power to the internal control
circuitry and therefore do not consume any power when
unloaded or turned off.
JUNCTION TEMPERATURE (
°C)
0
0
0.05
0.10
0.15
0.20
0.25
0.30
25
50
75
100
1470/71 G06
125
PROGRAMMED
TO 5V
5V Switch Resistance
TIME (ms)
– 0.2
0
1
1.4
1470/71 G08
6
4
0
0.2
0.6
1.0
2
3
2
0
0.4
0.8
1.2
COUT = 15µF
ROUT = 10Ω
TJ = 25°C
CURRENT
LIMITED
COUT = 150µF
ROUT = 10Ω
Inrush Current (5V Switch)
Inrush Current (3.3V Switch)
TIME (ms)
– 0.2
0
1
1.4
1470/71 G09
6
4
0
0.2
0.6
1.0
2
3
2
0
0.4
0.8
1.2
TJ = 25°C
COUT = 15µF
ROUT = 6.6Ω
COUT = 150µF
ROUT = 6.6Ω
COUT = 150µF
ROUT = 6.6Ω
(LTC1470 or 1/2 LTC1471)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com