Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1471CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1471CS
Description  Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1471CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1471CS Datasheet HTML 1Page - Linear Technology LTC1471CS Datasheet HTML 2Page - Linear Technology LTC1471CS Datasheet HTML 3Page - Linear Technology LTC1471CS Datasheet HTML 4Page - Linear Technology LTC1471CS Datasheet HTML 5Page - Linear Technology LTC1471CS Datasheet HTML 6Page - Linear Technology LTC1471CS Datasheet HTML 7Page - Linear Technology LTC1471CS Datasheet HTML 8Page - Linear Technology LTC1471CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1470/LTC1471
PIN FUNCTIONS
TTL-TO-CMOS
CONVERTER
OSCILLATOR
AND BIAS
GATE CHARGE
AND
DISCHARGE
CONTROL LOGIC
CHARGE
PUMP
GATE CHARGE
AND
DISCHARGE
CONTROL LOGIC
CURRENT LIMIT
AND THERMAL
SHUTDOWN
5VIN
0.14
Ω
0.12
Ω
OUTPUT
3VIN
BREAK-BEFORE-
MAKE SWITCH
AND CONTROL
TTL-TO-CMOS
CONVERTER
EN0
EN1
LTC1470-BD01
BLOCK DIAGRAM
LTC1471
AOUT, BOUT(Pins 1, 16, 8, 9): Output Pins. The outputs
of the LTC1471 are switched between three operating
states: OFF, 3.3V and 5V. These pins are protected against
accidental short circuits to ground by SafeSlot current
limit circuitry which protects the socket, the card, and the
system power supplies against damage. A second level of
protection is provided by thermal shutdown circuitry.
5VIN (Pins 2, 10): 5V Input Supply Pins. The 5VIN supply
pins serve two purposes. The first purpose is as the power
supply input for the 5V NMOS switches. The second
purpose is to provide power for the input, gate drive, and
protection circuitry. These pins must therefore be con-
tinuously powered.
EN1, EN0 (Pins 3, 4, 11, 12): Enable Inputs. The enable
inputs are designed to interface directly with industry
standard PCMCIA controllers and are high impedance
CMOS gates with ESD protection diodes to ground, and
should not be forced below ground. All four inputs have
about 100mV of built-in hysteresis to ensure clean switch-
ing between operating modes. The LTC1471 is designed
to operate
without 12V power. The gates of the VCC NMOS
switches are powered by charge pumps from the 5VIN
supply pins (see Applications Information section for
more detail). The enable inputs should be turned off at
least 100
µs before the 5VIN power is removed to ensure
that all NMOS switch gates are fully discharged and are in
the high impedance mode.
GND (Pins 5, 13): Ground Connections.
3VIN (Pins 6, 7, 14, 15): 3V Input Supply Pins. The 3VIN
supply pins serve as the power supply input for the 3.3V
switches. These pins do not not provide any power to the
internal control circuitry, and therefore, do not consume
any power when unloaded or turned off.
(LTC1470 or 1/2 LTC1471)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com