Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1445CS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1445CS
Description  Ultralow Power Quad Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1445CS Datasheet(HTML) 2 Page - Linear Technology

  LTC1445CS Datasheet HTML 1Page - Linear Technology LTC1445CS Datasheet HTML 2Page - Linear Technology LTC1445CS Datasheet HTML 3Page - Linear Technology LTC1445CS Datasheet HTML 4Page - Linear Technology LTC1445CS Datasheet HTML 5Page - Linear Technology LTC1445CS Datasheet HTML 6Page - Linear Technology LTC1445CS Datasheet HTML 7Page - Linear Technology LTC1445CS Datasheet HTML 8Page - Linear Technology LTC1445CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1443/LTC1444/LTC1445
Voltage:
V + to V , V + to GND, GND to V ...........12V to – 0.3V
IN+, IN, HYST ................. (V + + 0.3V) to (V – 0.3V)
REF .................................. (V + + 0.3V) to (V – 0.3V)
OUT (LTC1443) ............. (V + + 0.3V) to (GND – 0.3V)
OUT (LTC1444/LTC1445)
......................................... (V + + 0.3V) to (V – 0.3V)
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature Range (Soldering, 10 sec)....... 300
°C
Current:
IN+, IN, HYST .................................................. 20mA
REF ................................................................... 20mA
OUT .................................................................. 50mA
OUT Short Circuit Duration (V+
≤ 5.5V) ....... Continuous
Power Dissipation .............................................. 500mW
Operating Temperature Range
Commercial ............................................ 0
°C to 70°C
Industrial ............................................ – 40
°C to 85°C
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1443CN
LTC1443CS
LTC1443IN
LTC1443IS
LTC1444CN
LTC1444CS
LTC1444IN
LTC1444IS
LTC1445CN
LTC1445CS
LTC1445IN
LTC1445IS
TJMAX = 150°C, θJA = 90°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (S)
Consult factory for Military grade parts.
1
2
3
4
5
6
7
8
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
OUT B
OUT A
V+
IN A
IN A+
IN B
IN B+
REF
OUT C
OUT D
GND
IN D+
IN D
IN C+
IN C
V
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT B
OUT A
V+
IN A
IN A+
IN B
IN B+
REF
OUT C
OUT D
HYST
IN D+
IN D
IN C+
IN C
V
S PACKAGE
16-LEAD PLASTIC SO
N PACKAGE
16-LEAD PDIP
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V= GND = 0V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V+
Supply Voltage Range
q
2.0
11.0
V
ICC
Supply Current
IN+ = IN= 80mV
q
5.5
8.5
µA
HYST = REF (LTC1444/LTC1445)
Comparator
VOS
Comparator Input Offset Voltage
VCM = 2.5V
q
±3.0
±10.0
mV
IIN
Input Leakage Current (IN+, IN )VIN
+ = VIN– = 2.5V
q
±0.01
±1.0
nA
Input Leakage Current (HYST)
LTC1444/LTC1445
q
±0.02
±1.0
nA
VCM
Comparator Input Common Mode Range
q
V
V+ – 1.3V
V
CMRR
Common Mode Rejection Ratio
Vto (V+ – 1.3V)
0.1
1.0
mV/V
PSRR
Power Supply Rejection Ratio
V+ = 2V to 11V
0.1
1.0
mV/V
Noise
Voltage Noise
100Hz to 100kHz
20
µVRMS
VHYST
Hysteresis Input Voltage Range
LTC1444, LTC1445
q
REF – 50mV
REF
V
(Note 1)
TJMAX = 150°C, θJA = 90°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (S)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com