Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1445CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1445CS
Description  Ultralow Power Quad Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1445CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1445CS Datasheet HTML 3Page - Linear Technology LTC1445CS Datasheet HTML 4Page - Linear Technology LTC1445CS Datasheet HTML 5Page - Linear Technology LTC1445CS Datasheet HTML 6Page - Linear Technology LTC1445CS Datasheet HTML 7Page - Linear Technology LTC1445CS Datasheet HTML 8Page - Linear Technology LTC1445CS Datasheet HTML 9Page - Linear Technology LTC1445CS Datasheet HTML 10Page - Linear Technology LTC1445CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1443/LTC1444/LTC1445
OUT D (Pin 15): Comparator D Output. (Open-drain
output for LTC1444). Output can source up to 40mA
(LTC1443, LTC1445) and sink 5mA.
OUT C (Pin 16): Comparator C Output. (Open-drain output
for LTC1444). Output can source up to 40mA (LTC1443,
LTC1445) and sink 5mA.
The LTC1443/LTC1444/LTC1445 is a family of quad
micropower comparators with a built-in reference (1.182V
for the LTC1443 and 1.221V for the LTC1444/LTC1445).
Features include programmable hysteresis (LTC1444/
LTC1445), wide supply voltage range (2V to 11V) and the
ability of the reference to drive up to a 0.01
µF capacitor
without oscillation. The comparator CMOS outputs
(LTC1443/LTC1445) can source up to 40mA while the
LTC1444 has an open-drain output to V –. The supply
current glitches that normally occur when the comparator
output switches states have been eliminated.
Power Supplies
The comparator family operates from a single 2V to 11V
supply. The LTC1443 includes a separate ground for the
comparator output stage, allowing a split supply ranging
from
±1Vto±5.5V.ConnectingV–toGNDontheLTC1443
allows single supply operation. If the comparator output
is required to source more than 1mA or the supply source
impedance is high, V + should be bypassed with a 0.1
µF
capacitor.
Comparator Inputs
The comparator inputs can swing from the negative sup-
ply (V –) to within 1.3V maximum of the positive supply
(V +). The inputs can be forced 300mV below V – or above
V + without damage, and the typical input leakage current
is only
±10pA.
Comparator Outputs
The LTC1443 comparator output swings between GND
and V + to assure TTL compatibility with a split supply. The
LTC1444 and LTC1445 outputs swing between V – and V +.
The outputs are capable of sourcing up to 40mA (LTC1443/
LTC1445) and sinking up to 5mA while still maintaining
microampere quiescent currents. The output stage does
not generate crowbar switching currents during transi-
tions which helps minimize parasitic feedback through the
supply pins.
Voltage Reference
The internal bandgap reference has a voltage of 1.182V for
LTC1443 or 1.221V for LTC1444/LTC1445 referenced to
V –. The reference accuracy is 1.5% from – 40
°C to 85°C.
It can source up to 200
µA and sink up to 15µA with a 5V
supply. The reference can drive a bypass capacitor of up to
0.01
µF without oscillation and by inserting a series resistor,
capacitance values up to 100
µF can be used (Figure 1).
Figure 2 shows the resistor value required for different
capacitor values to achieve critical damping.
CAPACITOR VALUE (
µF)
0.001
0.1
10
1000
0.01
0.1
10
1
LTC1443/44/45 • F02
1
100
Figure 2. Damping Resistance vs Bypass Capacitor Value
LTC144X
V–
REF
R1
C1
REFERENCE
OUTPUT
LTC1443/44/45 • F01
Figure 1. Damping the Reference Output
PI FU CTIO S
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com