Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1454LIN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1454LIN
Description  Dual 12-Bit Rail-to-Rail Micropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1454LIN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1454LIN Datasheet HTML 4Page - Linear Technology LTC1454LIN Datasheet HTML 5Page - Linear Technology LTC1454LIN Datasheet HTML 6Page - Linear Technology LTC1454LIN Datasheet HTML 7Page - Linear Technology LTC1454LIN Datasheet HTML 8Page - Linear Technology LTC1454LIN Datasheet HTML 9Page - Linear Technology LTC1454LIN Datasheet HTML 10Page - Linear Technology LTC1454LIN Datasheet HTML 11Page - Linear Technology LTC1454LIN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1454/LTC1454L
OPERATIO
Serial Interface
The data on the DIN input is loaded into the shift register
on the rising edge of the clock. Data is loaded as one 24-bit
word, DAC A first, then DAC B. The MSB is loaded first for
each DAC. The DAC registers load the data from the shift
register when CS/LD is pulled high. The CLK is disabled
internally when CS/LD is high. Note: CLK must be low
before CS/LD is pulled low to avoid an extra internal clock
pulse.
The buffered output of the 24-bit shift register is available
on the DOUT pin which swings from ground to VCC.
Multiple LTC1454/LTC1454Ls may be daisy-chained to-
gether by connecting the DOUT pin to the DIN pin of the next
chip, while the CLK and CS/LD signals remain common to
all chips in the daisy-chain. The serial data is clocked to all
of the chips, then the CS/LD signal is pulled high to update
all of them simultaneously.
Reference
The LTC1454L has an internal reference of 1.22V with a full
scale of 2.5V (gain of 2 configuration). The LTC1454
includes an internal 2.048V reference, making 1LSB equal
to 1mV (gain of 2 configuration). When the buffer gain is
2, the external reference must be less than VCC/2 and be
capable of driving the 15k minimum DAC resistor ladder.
With a gain of 1 configuration the external reference must
be less than VCC – 1.5V.
Voltage Output
The rail-to-rail buffered output of the LTC1454 family can
source or sink 5mA when operating with a 5V supply while
pulling to within 300mV of the positive supply voltage or
ground. The output swings to within a few millivolts of
either supply rail when unloaded and has an equivalent
output resistance of 40
Ω when driving a load to the rails.
The output can drive 1000pF without going into oscilla-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com