Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1454LIN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1454LIN
Description  Dual 12-Bit Rail-to-Rail Micropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1454LIN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1454LIN Datasheet HTML 4Page - Linear Technology LTC1454LIN Datasheet HTML 5Page - Linear Technology LTC1454LIN Datasheet HTML 6Page - Linear Technology LTC1454LIN Datasheet HTML 7Page - Linear Technology LTC1454LIN Datasheet HTML 8Page - Linear Technology LTC1454LIN Datasheet HTML 9Page - Linear Technology LTC1454LIN Datasheet HTML 10Page - Linear Technology LTC1454LIN Datasheet HTML 11Page - Linear Technology LTC1454LIN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1454/LTC1454L
Figure 2
APPLICATIONS INFORMATION
A Single Supply, 4-Quadrant Multiplying DAC
The LTC1454 can also be used for 4-quadrant multiplying
with an offset signal ground of 1.22V. This application is
shown in Figure 2. The inputs are connected to REFHI B or
REFHI A and have a 1.22V amplitude around a signal
ground of 1.22V. The outputs will swing from 0V to 2.44V,
as shown by the equation with the figure. Since the signal
ground is around 1.22V, REFLO is offset above ground by
using an LT1034CS8-1.2 as shown.
VOUT B
VCC
REFHI B
GND
REFLO
REFHI A
REFOUT
VCC
VOUT B
VOUT A
VINB
1.22V
± 1.22V
VINA
1.22V
± 1.22V
LT1034CS8-1.2
CLK
DIN
CS/LD
LTC1454
1454 F02
X1/X2 B
CLR
CLK
DIN
CS/LD
DOUT
X1/X2 A
VOUT A
5V
0.1
µF
10k
VOA/B = VIN – VREFLO GAIN
– 1 +1 + VREFLO
= VIN – 1.22 2.0
– 1.0 + 1.22V
()
()
()
()
DIN
4096
DIN
4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com