Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR005 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SCR005
Description  SILICON CONTROLLED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SCR005 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SCR005_15 Datasheet HTML 1Page - Solid States Devices, Inc SCR005_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Unit
Peak Reverse Blocking Current
(Rated VRRM)
IRRM
––
1
µA
Peak Forward Blocking Current
(Rated VDRM, RGK = 1K Ω)
IDRM
––
1
µA
Peak On-State Voltage
(IF = 1.6 A Peak)
VTM
––
1.3
Volts
Gate Trigger Current
(VD = 6 VDC, RL = 100 Ω , TC = 125
oC)
(VD = 6 VDC, RL = 100 Ω, TC = -65
oC)
IGT
––
––
200
350
µA
Gate Trigger Voltage
(VD = 6 VDC, RL = 100 Ω , TC = 25
oC)
(VD = 6 VDC, RL = 100 Ω, TC = -65
oC)
VGT
––
––
0.7
0.9
Volts
Holding Current
(VD = 6 VDC)
(VD = 6 VDC, TC = -65
oC)
IH
––
––
0.3
2.0
mA
NOTES:
1/ RGK current is not included in measurement.
2/ Thyristor devices shall not be tested with a constant current source for forward and reverse blocking capability such that the voltage
applies exceeds the rated blocking voltage.
3/ Thyristor devices shall not have a positive bias applied to the gate concurrently with a negative potential applied to the anode.
4/ Unless Otherwise Specified, All Electrical Characteristics @
TC = 25
oC, RGK = 1K Ω.
Available Part Numbers:
SFS1826/18; SFS1827/18; SFS1828/18; SFS1829/18
PIN ASSIGNMENT (Standard)
Package
Cathode
Gate
Anode
TO-18 (/18)
Pin 2
Pin 3
Pin 1
*For information on curves, contact the Factory Representative for Engineering Assistance.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SCR005A
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFS1826 thru SFS1829



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com