Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR005 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SCR005
Description  SILICON CONTROLLED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SCR005 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SCR005_15 Datasheet HTML 1Page - Solid States Devices, Inc SCR005_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Low-Level Gate Characteristics
• IGT = 200 µA (Max) @ 25oC
• Low Holding Current IH = 1 mA (Max) @ 25oC
• Anode Common to Case
• Hermetically Sealed
• TX, TXV, S-Level Screening Available. Consult
Factory
SFS1826 thru SFS1829
1.6 AMPS
200 ─ 400 VOLTS
SILICON CONTROLLED
RECTIFIER
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SFS1826
SFS1827
SFS1828
SFS1829
VDRM
VRRM
200
250
300
400
Volts
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5.0 ms)
SFS1826
SFS1827
SFS1828
SFS1829
VRSM
300
350
400
500
Volts
RMS On-State Current
(All Conduction Angles)
IT (RMS)
1.6
Amps
Average On-State Current
TC = 50
oC
TA = 25
oC
IT (AV)
1.0
0.7
Amps
Peak Non-Repetitive Surge Current
(One Cycle, 60 Hz, TC = 80
oC )
ITSM
15
Amps
Peak Gate Power
PGM
0.1
Watts
Average Gate Power
PG (AV)
0.01
Watts
Peak Gate Current
IGM
0.1
Amps
Peak Gate Voltage
VGM
6.0
Volts
Operating Junction Temperature Range
TJ
-65 to +200
oC
Storage Temperature Range
Tstg
-65 to +200
oC
Thermal Resistance, Junction to Case
RθJC
72
oC/W


Similar Part No. - SCR005_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SCR005 SSDI-SCR005 Datasheet
112Kb / 2P
RECTIFIER
More results

Similar Description - SCR005_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR16 MOTOROLA-MCR16 Datasheet
344Kb / 4P
Silicon Controlled Rectifiers
MCR506 MOTOROLA-MCR506 Datasheet
88Kb / 4P
Silicon Controlled Rectifiers
logo
Power Innovations Ltd
TIC116 POINN-TIC116 Datasheet
111Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
SemiWell Semiconductor
SCF25C60 SEMIWELL-SCF25C60 Datasheet
712Kb / 5P
Silicon Controlled Rectifiers
TN815R SEMIWELL-TN815R Datasheet
536Kb / 5P
Silicon Controlled Rectifiers
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
MCR729-5 NJSEMI-MCR729-5 Datasheet
80Kb / 2P
Silicon Controlled Rectifiers
2N4168 NJSEMI-2N4168 Datasheet
77Kb / 2P
Silicon Controlled Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com