Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR006 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SCR006
Description  FAST SWITCHING SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SCR006 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SCR006_15 Datasheet HTML 1Page - Solid States Devices, Inc SCR006_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Unit
Peak Reverse Blocking Current
(Rated VRRM, TC = 25
oC)
IRRM
––
2
mA
Peak Forward Blocking Current
(Rated VDRM, TC = 25
oC)
IDRM
––
2
mA
Peak On-State Voltage
(IF = 25 A Peak, t = 1 ms, Duty Cycle ≤ 1%)
(IF = 100 A Peak, t = 1 ms, Duty Cycle ≤ 1%)
VTM
––
––
2.05
2.25
Volts
Gate Trigger Current
(VD = 12 VDC, RL = 33 Ω)
IGT
––
180
mA
Gate Trigger Voltage
(VD = 12 VDC, RL = 33 Ω)
VGT
––
1.5
Volts
Holding Current
(IT = 500 mA, Gate Open)
IH
––
70
mA
NOTES:
1/ Unless Otherwise Specified, All Electrical Characteristics @
TC = 25
oC, RGK = 1K Ω.
PACKAGE OUTLINE: TO-48
Available Part Numbers:
SFS2510
SFS2520
SFS2525
SFS2530
SFS2540
SFS2510/48
SFS2520/48
SFS2525/48
SFS2530/48
SFS2540/48
PIN ASSIGNMENT (Standard)
Package
Cathode
Gate
Anode
TO-48 (/48)
Terminal 1 Terminal 2
Cathode
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFS2510 thru SFS2540
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
F3N0H
DATA SHEET #: SCR006A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com