Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR006 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SCR006
Description  FAST SWITCHING SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SCR006 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SCR006_15 Datasheet HTML 1Page - Solid States Devices, Inc SCR006_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Low-Level Gate Characteristics
• IGT = 200 µA (Max) @ 25oC
• Low Holding Current IH = 1 mA (Max) @ 25oC
• Anode Common to Case
• Hermetically Sealed
• TX, TXV, S-Level Screening Available. Consult
Factory
SFS2510 thru SFS2540
25 AMPS
100 ─ 400 VOLTS
FAST SWITCHING
SILICON CONTROLLED
RECTIFIER
TO-48
MAXIMUM RATINGS
(TJ = 25
oC UNLESS OTHERWISE NOTED, RGK = 1K Ω)
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SFS2510
SFS2520
SFS2525
SFS2530
SFS2540
VDRM
VRRM
100
200
250
300
400
Volts
Non-Repetitive Peak Reverse Blocking Voltage
(t ≤ 5.0 ms)
SFS2510
SFS2520
SFS2525
SFS2530
SFS2540
VRSM
150
300
350
400
500
Volts
RMS On-State Current
(All Conduction Angles)
IT (RMS)
35
Amps
Average On-State Current
TC = 50
oC
IT (AV)
25
Amps
Peak Non-Repetitive Surge Current
(One Cycle, 60 Hz, TJ = 120
oC, t = 8.3 ms)
ITSM
210
Amps
Peak Gate Power
PGM
60
Watts
Average Gate Power
PG (AV)
1.0
Watts
Peak Gate Current
IGM
10
Amps
Peak Gate Voltage
VGM
15
Volts
Operating Junction Temperature Range
TJ
-65 to +135
oC
Storage Temperature Range
Tstg
-65 to +150
oC
Thermal Resistance, Junction to Case
RθJC
1.45
oC/W


Similar Part No. - SCR006_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SCR006 SSDI-SCR006 Datasheet
147Kb / 2P
RECTIFIER
More results

Similar Description - SCR006_15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5351 NTE-NTE5351 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR) for High Speed Switching
NTE5374 NTE-NTE5374 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR) for High Speed Switching
NTE569 NTE-NTE569 Datasheet
17Kb / 1P
Silicon Rectifier Fast Switching, Soft Recovery
NTE586 NTE-NTE586 Datasheet
15Kb / 1P
Silicon Rectifier Diode Schottky Barrier, Fast Switching
logo
Solid States Devices, I...
SFS2510 SSDI-SFS2510 Datasheet
142Kb / 2P
25 AMPS 100 ??400 VOLTS FAST SWITCHING SILICON CONTROLLED RECTIFIER
logo
Diotec Semiconductor
HV3 DIOTEC-HV3_08 Datasheet
97Kb / 2P
Fast Switching High Voltage Silicon Rectifier Diodes
logo
New Jersey Semi-Conduct...
1N5809 NJSEMI-1N5809 Datasheet
86Kb / 1P
SILICON RECTIFIER - VERY FAST SWITCHING
1N5811 NJSEMI-1N5811 Datasheet
86Kb / 1P
SILICON RECTIFIER - VERY FAST SWITCHING
logo
Digitron Semiconductors
GA300 DIGITRON-GA300 Datasheet
141Kb / 3P
SILICON CONTROLLED RECTIFIER NANOSECOND SWITCHING PLANAR
GA200 DIGITRON-GA200 Datasheet
173Kb / 4P
SILICON CONTROLLED RECTIFIER NANOSECOND SWITCHING PLANAR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com