Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1504CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1504CS8
Description  500mA Low Voltage Step-Down Synchronous Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1504CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1504CS8 Datasheet HTML 4Page - Linear Technology LTC1504CS8 Datasheet HTML 5Page - Linear Technology LTC1504CS8 Datasheet HTML 6Page - Linear Technology LTC1504CS8 Datasheet HTML 7Page - Linear Technology LTC1504CS8 Datasheet HTML 8Page - Linear Technology LTC1504CS8 Datasheet HTML 9Page - Linear Technology LTC1504CS8 Datasheet HTML 10Page - Linear Technology LTC1504CS8 Datasheet HTML 11Page - Linear Technology LTC1504CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1504
frequency. Attempting to synchronize to a frequency
lower than the 250kHz maximum internal frequency may
result in inconsistent pulse widths and is not recom-
mended.
Because the sawtooth waveform rises at a fixed rate
internally, terminating it early by synchronizing to a fast
external clock will reduce the amplitude of the sawtooth
wave that the PWM comparator sees, effectively raising
the gain from COMP to SW. 500kHz is the maximum
recommended synchronization frequency; higher frequen-
cies will reduce the sawtooth amplitude to the point that
the LTC1504 may run erratically.
THERMAL CONSIDERATIONS
Each of the LTC1504 internal power switches has approxi-
mately 1.5
Ω of resistance at room temperature and will
happily carry more than the rated maximum current if the
current limit is set very high or is not connected. Since the
inductor current is always flowing through one or the
other of the internal switches, a typical application supply-
ing 500mA of load current will cause a continuous dissi-
pation of approximately 375mW. The SO-8 package has a
thermal resistance of approximately 90
°C/W, meaning
that the die will begin to rise toward 34
°C above ambient
at this power level. The RON of the internal power switches
increases as the die temperature rises, increasing the
power dissipation as the feedback loop continues to keep
the output current at 500mA. At high ambient tempera-
tures, this cycle may continue until the chip melts, since
the LTC1504 does not include any form of thermal shut-
down. Applications can safely draw peak currents above
the 500mA level, but the average power dissipation should
be carefully calculated so that the maximum 115
°C die
temperature is not exceeded.
The LTC1504 dissipates the majority of its heat through its
pins, especially GND (Pin 4). Thermal resistance to ambi-
ent can be optimized by connecting GND to a large copper
region on the PCB, which will serve as a heat sink.
Applications which will operate the LTC1504 near maxi-
mum power levels or which must withstand short circuits
of extended duration should maximize the copper area at
all pins and ensure that there is some airflow over the part
to carry away excess heat. For layout assistance in situa-
tions where power dissipation may be a concern, contact
the LTC Applications Department.
The current limit circuit can be used to limit the power
under mild overloads to a safe level, but severe overloads
where the output is shorted to ground may still cause the die
temperature to rise dangerously. For more information on
current limit behavior, see the Current Limit section.
LAYOUT CONSIDERATIONS
Like all precision switching regulators, the LTC1504
requires special care in layout to ensure optimum perfor-
mance. The large peak currents coupled with significant
DC current flow will conspire to keep the output from
regulating properly if the layout is not carefully planned. A
poorly laid out op amp or data converter circuit will fail to
give the desired performance, but will usually still act like
an op amp or data converter. A poorly laid out LTC1504
circuit may look nothing at all like a regulator.
Wire-wrap
or plug-in prototyping boards are not useful for bread-
boarding LTC1504 circuits!
Perhaps most critical to proper LTC1504 performance is
the layout of the ground node and the location of the input
and output capacitors. The negative terminals of both the
input and output bypass capacitors should come together
at the same point, as close as possible to the LTC1504
ground pin. The compensation network and soft start
capacitor can be connected together on their own trace,
which should come directly back to this same common
ground point. The input supply ground and the load return
should also connect to this common point. Each ground
line should come to a star connection with Pin 4 at the
center of the star. This node should be a fairly large copper
region to act as a heat sink if required.
Second in importance is the proximity of the low ESR (usually
ceramic) input bypass capacitor. It should be located as close
to the LTC1504 VCC and GND pins as physically possible.
Ideally, the capacitor should be located right next to the
package, straddling the SW pin. High peak current applica-
tions or applications with VCC greater than 6V may require a
1
µF or larger ceramic capacitor in this position.
One node that isn’t quite so critical is SW. Extra lead length
or narrow traces at this pin will only add parasitic induc-
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com