Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1504CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1504CS8
Description  500mA Low Voltage Step-Down Synchronous Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1504CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1504CS8 Datasheet HTML 4Page - Linear Technology LTC1504CS8 Datasheet HTML 5Page - Linear Technology LTC1504CS8 Datasheet HTML 6Page - Linear Technology LTC1504CS8 Datasheet HTML 7Page - Linear Technology LTC1504CS8 Datasheet HTML 8Page - Linear Technology LTC1504CS8 Datasheet HTML 9Page - Linear Technology LTC1504CS8 Datasheet HTML 10Page - Linear Technology LTC1504CS8 Datasheet HTML 11Page - Linear Technology LTC1504CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1504
©LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408) 432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
APPLICATIONS INFORMATION
tance in series with the external inductor, slightly raising
its value. The SW trace need only be wide enough to
support the maximum peak current under short circuit
conditions—perhaps 1A. If a trace needs to be compro-
mised to make the layout work, this is the one. Note that
long traces at the SW node may aggravate EMI consider-
ations—don’t get carried away. If a Schottky diode is used
at the SW node, it should be located at the LTC1504 end
of the trace, close to the device pins.
The LTC Applications Department has constructed liter-
ally hundreds of layouts for the LTC1504 and related
parts, many of which worked and some of which are now
archived in the Bad Layout Hall of Fame. If you need layout
assistance or you think you have a candidate layout for the
Hall of Fame, give Applications a call at (408) 954-8400.
Demo boards with properly designed layouts are available
and specialized layouts can be designed if required. The
applications team is also experienced in external compo-
nent selection for a wide variety of applications, and they
have a never-ending selection of tall tales to tell as well.
When in doubt, give them a call.
1504i LT/TP 0897 4K • PRINTED IN USA
TYPICAL APPLICATIONS
High Efficiency 5V to 2.5V Converter with Current Limit
SCSI-2 Active Terminator
IMAX
SHDN
SS
COMP
VCC
GND
SW
FB
+
1
µF
0.1
µF
RIMAX*
CIN
VCC
5V
SHDN
7.5k
0.01
µF
220pF
11.8k
12.1k
MBRS0530L
+
COUT
VOUT
2.5V
LEXT
CIN: AVX TPSE107M016R0125
COUT: SANYO 16CV220GX
LEXT: COILCRAFT DO3316-473
*SELECT RIMAX VALUE USING CURRENT LIMIT THRESHOLD GRAPH ON PAGE 3
1504 • TA03
LTC1504
IMAX SHDN
SS
COMP
VCC
GND
SW
FB
4.7
µF
CERAMIC
TERMPWR
7.5k
0.01
µF
220pF
15k
12k
+
COUT
LEXT
COUT: AVX TPSC107M006R0150
LEXT: SUMIDA CD54-470
1504 • TA04
NC
NC
LTC1504
110
Ω
110
Ω
110
Ω
110
Ω
110
Ω
18
TO
27
LINES
•
•
•
PART NUMBER
DESCRIPTION
COMMENTS
LTC1174
600mA, High Efficiency Step-Down Converter
Nonsynchronous, Better Low Load Efficiency
LT
®1307
Single Cell 600kHz DC/DC Converter
Boost Mode, Micropower
LT1372
1.5A, 500kHz Step-Up Switching Regulator
Boost Mode, High Power
LT1376
1.5A, 500kHz Step-Down Switching Regulator
Nonsynchronous, 1.5A Max Current
LTC1433/LTC1434
450mA, Low Noise Current Mode Step-Down Converters
Nonsynchronous, Better Low Load Efficiency
LT1507
1.5A, 500kHz Monolithic Buck Regulator
Nonsynchronous, 1.5A Max Current
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com