Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS393CSRLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS393CSRLG
Description  Low Power Low Offset Voltage Dual Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS393CSRLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS393CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS393
Taiwan Semiconductor
Document Number: DS_P0000198
2
Version: B15
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
(Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Supply Voltage
VCC
+36 or ±18
V
Differential Input Voltage
VIDR
36
V
Input Common Mode Voltage Range
VICR
-0.3 to 36
V
Input Current
IIN
50
mA
Output Short Circuit to Ground
ISC
Continuous
Output Sink Current
ISINK
20
mA
Operating Temperature Range
TOPR
0 ~ +70
°C
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Lead Temperature 1.6mm (1/16”) from case for 10s.
TLEAD
260
°C
ELECTRICAL CHARACTERISTICS (V
CC = 5V, TA = 25°C unless otherwise noted)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Offset Voltage
(note 3)
VIO
--
2
5
mV
Input Offset Current
IIN(+) - IIN(-), VCM=0V
IIO
--
--
50
nA
Input Offset Current
(note 4)
IIN(+) - IIN(-), VCM=0V
IIB
--
--
250
nA
Input Common Mode Voltage Range
(note 5)
VCC=30V
VICR
-0
--
VCC-1.5
V
Voltage Gain
RL
≥15K, V
CC =15V, Vo=1V~11V
AVOL
50
200
--
V/mV
Large Signal Response Time
Vin=TTL Logic Swing. VREF = 1.4V,
VRL=5V. RL=5.1k
Ω
--
--
300
--
ns
Response Time
(note 6)
VRL=5V. RL=5.1k
Ω
tTLH
--
1.3
--
µ
s
Output Sink Current
VIN(-)=1V, VIN(+)=0V, Vo≤1.5V
ISINK
6.0
16
--
mA
Output Saturation Voltage
VIN(-)=1V, VIN(+)=0V, ISINK≤4mA
VOL
--
250
400
mV
Output Leakage Current
VIN(-)=0V, VIN(+)=1V, Vo=5V
IOL
--
0.1
--
nA
Supply Current
RL =
∞, V
CC =5V
RL =
∞, V
CC =36V
ICC
--
--
0.4
1.0
1.0
2.5
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com