Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS393CSRLG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS393CSRLG
Description  Low Power Low Offset Voltage Dual Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS393CSRLG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS393CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS393CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS393
Taiwan Semiconductor
Document Number: DS_P0000198
3
Version: B15
ELECTRICAL CHARACTERISTICS
Note:
1.
The max. Output current may be as high as 20mA, independent of the magnitude of VCC, output short circuits to VCC can
cause excessive heating and eventual destruction.
2.
This magnitude of input current will only occur if the input leads are driven more negative than ground or the negative
supply voltage. This is due to the input PNP collector base junction becoming forward biased acting as an input clamp
diode. There is also a lateral PNP parasitic transistor action on the IC chip. This phenomenon can cause the output voltage
of the comparators to go to the VCC voltage level (or ground if overdrive is large) during the time the input is driven negative.
This will not destroy the device and normal output states will recover when the inputs become -0.3V of ground or negative
supply.
3.
At output switch point, VO=1.4Vdc, RS=0
Ω with VCC from 5Vdc to 30Vdc, and over the full input common-mode
4.
Due to the PNP transistor inputs, bias current will flow out of the inputs, this current is essentially constant independent of
the output state, therefore, no loading changes will exist on the input lines.
5.
Input common mode of either input should not be permitted to go more than 0.3V negative of ground or minus supply. The
upper limit of common mode range is VCC - 1.5V but either or both inputs can be taken to as high as 30volts without
damage.
6.
Response time is specified with a 100mV step and 5.0mV of overdrive. With larger magnitudes of overdrive faster response
times are obtainable.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS393CD C3G
DIP-8
50pcs / Tube
TS393CS RLG
SOP-8
2,500pcs / 13” Reel
Note:
1.
Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC.
2.
Halogen-free according to IEC 61249-2-21 definition.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com