Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1515CS8-3/5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1515CS8-3/5
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1515CS8-3/5 Datasheet(HTML) 5 Page - Linear Technology

  LTC1515CS8-3/5 Datasheet HTML 1Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 2Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 3Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 4Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 5Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 6Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 7Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1515 Series
PIN FUNCTIONS
C1+ (Pin 6): Charge Pump Flying Capacitor, Positive
Terminal.
VIN (Pin 7): Charge Pump Input Voltage. May be between
2V and 10V. VIN should be bypassed with a ≥ 10µF low
ESR capacitor as close as possible to the pin for best
performance.
VOUT (Pin 8): Regulated Output Voltage. Pin selectable to
either 3V/5V, 3.3V/5V or adjustable using an external
resistor divider (LTC1515). VOUT should be bypassed with
a
≥ 10µF low ESR capacitor as close as possible to the pin
for best performance.
BLOCK DIGRAM
SI PLIFIED
APPLICATIONS INFORMATION
Regulator Operation
The regulator section of the LTC1515, LTC1515-3/5 and
LTC1515-3.3/5 consists of a charge pump, reference,
comparator and some logic. The divided down output
voltage is compared to the internal reference voltage.
When the divided output drops below the reference volt-
age, the charge pump is enabled, which boosts the output
back into regulation. Hysteresis in the comparator forces
the regulator to burst on and off and causes approximately
100mV of peak-to-peak ripple to appear at the output. By
enabling the charge pump only when needed, the parts
achieve high efficiencies with low output load currents.
Each part’s charge pump has a unique architecture that
allows the input voltage to be either stepped up or stepped
down to produce a regulated output. Internal circuitry
senses the VIN to VOUT differential voltage and controls the
charge pump operating mode. In addition, the effective
output impedance of the charge pump is internally
adjusted to prevent large inrush currents and allow for a
wide input voltage range. When the input voltage is lower
than the output voltage, the charge pump operates as a
step-up voltage doubler. When the input voltage is greater
than the output, the charge pump operates as a step-down
gated switch.
+
–
+
–
VOS
1.232V
VREF
650kHz
OSCILLATOR
RESET
COUNTER
STEP-UP/STEP-DOWN
CHARGE PUMP
VIN
SHDN
POR
GND
C1–
C1+
VOUT
(LTC1515-X)
(LTC1515-X)
LTC1515 • BD
FB
(LTC1515)
5/3
(LTC1515-X)
EN
EN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com