Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1515CS8-3/5 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1515CS8-3/5
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1515CS8-3/5 Datasheet(HTML) 7 Page - Linear Technology

  LTC1515CS8-3/5 Datasheet HTML 1Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 2Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 3Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 4Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 5Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 6Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 7Page - Linear Technology LTC1515CS8-3/5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1515 Series
APPLICATIONS INFORMATION
ing out of shutdown mode. Whenever large VIN(or boosted
VIN) to VOUT voltage differentials are present, most charge
pumps will pull large current spikes from the input supply.
Only the effective charge pump output impedance limits
the current while the charge pump is enabled. This may
disrupt input supply regulation, especially if the input
supply is a low power DC/DC converter or linear regulator.
The LTC1515 family minimizes inrush currents both at
start-up and under high VIN to VOUT operation.
Internal soft start circuitry controls the rate at which VOUT
may be charged from 0V to its final regulated value. The
typical start-up time from VOUT = 0V to 5V is 4ms. This
corresponds to an effective VOUT charging current of only
12.5mA for a 10
µF output capacitor (27.5mA for 22µF,
etc.). Note that any output current load present during
start-up will add directly to the charging currents men-
tioned above. The soft start circuitry limits start-up cur-
rent both at initial power-up and when coming out of
shutdown.
As the VIN (or boosted VIN) to VOUT voltage differential
grows, the effective output impedance of the charge pump
is automatically increased by internal voltage sensing
circuitry. This feature minimizes the current spikes pulled
from VIN whenever the charge pump is enabled and helps
to reduce both input and output ripple.
Power-On Reset
The POR pin is an open-drain output that pulls low when
the output voltage is out of regulation. When the VOUT
rises to within 6.5% of regulation, an internal timer is
started which releases POR after 200ms (typ). In shut-
down, the POR output is pulled low. In normal operation,
an external pull-up resistor is generally used between the
POR pin and VOUT.
Protection Features
All of the parts contain thermal shutdown and short-
circuit protection features. The parts will shut down when
the junction temperature reaches approximately 150
°C
and will resume operation once the junction temperature
has dropped back to approximately 140
°C. The parts will
limit output current to 12mA (typ) when a short circuit
condition (VOUT < 100mV) exists. The parts can survive an
indefinite short to GND.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
(equivalent series resistance) in the output capacitor.
Typical output ripple (VIN < 8V) under maximum load is
100mV peak-to-peak with a low ESR, 10
µF output capaci-
tor. For applications requiring VIN to exceed 8V, a 22µF or
larger COUT capacitor is recommended to maintain maxi-
mum ripple in the 100mV range.
The magnitude of the ripple voltage depends on several
factors. High input voltages increase the output ripple
since more charge is delivered to COUT per charging cycle.
A large C1 flying capacitor (> 0.22
µF) also increases ripple
in step-up mode for the same reason. Large output
current load and/or a small output capacitor (<10
µF)
results in higher ripple due to higher output voltage dV/dt.
High ESR capacitors (ESR > 0.5
Ω) on the output pin cause
high frequency voltage spikes on VOUT with every clock
cycle.
There are several ways to reduce the output voltage ripple.
A large COUT capacitor (22µF or greater) will reduce both
the low and high frequency ripple due to the lower COUT
charging and discharging dV/dt and the lower ESR typi-
cally found with higher value (larger case size) capacitors.
A low ESR (<0.5
Ω) ceramic output capacitor will mini-
mize the high frequency ripple, but will not reduce the low
frequency ripple unless a high capacitance value is cho-
sen. A reasonable compromise is to use a 10
µF to 22µF
tantalum capacitor in parallel with a 1
µF to 3.3µF ceramic
capacitor on VOUT to reduce both the low and high
frequency ripple. An RC or LC filter may also be used to
reduce high frequency voltage spikes (see Figure 4).
Inrush Currents
A common problem with switched capacitor regulators is
inrush current—particularly during power-up and com-
15
µF
TANTALUM
LT1515 • F04
VOUT
VOUT
8
1
µF
CERAMIC
10
µF
TANTALUM
VOUT
VOUT
8
10
µF
TANTALUM
2
Ω
LTC1515/
LTC1515-X
LTC1515/
LTC1515-X
+
+
+
Figure 4. Output Ripple Reduction Techniques



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com