Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1522 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1522
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1522 Datasheet(HTML) 2 Page - Linear Technology

  LTC1522 Datasheet HTML 1Page - Linear Technology LTC1522 Datasheet HTML 2Page - Linear Technology LTC1522 Datasheet HTML 3Page - Linear Technology LTC1522 Datasheet HTML 4Page - Linear Technology LTC1522 Datasheet HTML 5Page - Linear Technology LTC1522 Datasheet HTML 6Page - Linear Technology LTC1522 Datasheet HTML 7Page - Linear Technology LTC1522 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1522
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage
q
2.7
5
V
VOUT
Output Voltage
2.7V
≤ VIN ≤ 5V, IOUT ≤ 10mA
q
4.8
5.0
5.2
V
3V
≤ VIN ≤ 5V, IOUT ≤ 20mA
q
4.8
5.0
5.2
V
ICC
Operating Supply Current
2.7V
≤ VIN ≤ 5V, IOUT = 0mA, SHDN = 0V
q
615
µA
Shutdown Supply Current
2.7V
≤ VIN ≤ 3.6V, IOUT = 0mA, SHDN = VIN
q
0.005
1
µA
3.6V < VIN ≤ 5V, IOUT = 0mA, SHDN = VIN
q
2.5
µA
Output Ripple
VIN = 3V, IOUT = 10mA
70
mVP-P
Efficiency
VIN = 3V, IOUT = 10mA
82
%
fOSC
Switching Frequency
Oscillator Free Running
700
kHz
VIH
SHDN Input Threshold
q
(0.7)(VIN)V
VIL
q
0.4
V
IIH
SHDN Input Current
VSHDN = VIN
q
–1
1
µA
IIL
VSHDN = 0V
q
–1
1
µA
tON
VOUT Turn-On Time
VIN = 3V, IOUT = 0mA
1
ms
ABSOLUTE MAXIMUM RATINGS
(Note 1)
VIN to GND.................................................. – 0.3V to 6V
VOUT to GND ............................................... – 0.3V to 6V
SHDN to GND ............................................. – 0.3V to 6V
VOUT Short-Circuit Duration ............................ Indefinite
Commercial Temperature Range ................ 0
°C to 70°C
Extended Commercial Operating
Temperature Range (Note 2) ............. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
PACKAGE/ORDER INFORMATION
Consult factory for Industrial and Military grade parts.
S8 PART MARKING
ORDER PART
NUMBER
MS8 PART MARKING
ELECTRICAL CHARACTERISTICS
ORDER PART
NUMBER
The q denotes specifications which apply over the specified temperature
range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: C grade device specifications are guaranteed over the 0
°C to 70°C
temperature range. In addition, C grade device specifications are assured
over the – 40
°C to 85°C temperature range by design or correlation, but
are not production tested.
VIN = 2.7V to 5V, CFLY = 0.22µF, CIN = COUT = 10µF, TMIN to TMAX unless otherwise specified. (Note 2)
TJMAX = 125°C, θJA = 150°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
NC
SHDN
GND
C–
NC
VIN
VOUT
C+
S8 PACKAGE
8-LEAD PLASTIC SO
LTCG
TJMAX = 125°C, θJA = 160°C/ W
1
2
3
4
NC
VIN
VOUT
C+
8
7
6
5
NC
SHDN
GND
C –
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
LTC1522CMS8
1522
LTC1522CS8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com