Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1522 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1522
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1522 Datasheet(HTML) 3 Page - Linear Technology

  LTC1522 Datasheet HTML 1Page - Linear Technology LTC1522 Datasheet HTML 2Page - Linear Technology LTC1522 Datasheet HTML 3Page - Linear Technology LTC1522 Datasheet HTML 4Page - Linear Technology LTC1522 Datasheet HTML 5Page - Linear Technology LTC1522 Datasheet HTML 6Page - Linear Technology LTC1522 Datasheet HTML 7Page - Linear Technology LTC1522 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1522
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT VOLTAGE (V)
2.5
5.05
5.10
5.15
4.5
1522 G01
5.00
4.95
4.90
3.0
3.5
4.0
5.0
IOUT = 10mA
COUT = 10µF
TA = 70°C
TA = 25°C
TA = 0°C
INPUT VOLTAGE (V)
2.5
150
200
250
4.5
1522 G03
100
50
0
3.0
3.5
4.0
5.0
IOUT = 10mA
CFLY = 0.1µF
TA = 25°C
COUT = 6.8µF
COUT = 10µF
COUT = 22µF
COUT = 3.3µF
INPUT VOLTAGE (V)
2.5
70
80
90
4.5
1522 G02
60
50
40
3.0
3.5
4.0
5.0
IOUT = 10mA
TA = 25°C
Output Voltage vs Input Voltage
Efficiency vs Input Voltage
Output Ripple vs Input Voltage
No Load Input Current
vs Input Voltage
Typical Output Voltage
vs Output Current
OUTPUT CURRENT (mA)
0
5.0
5.1
80
1522 G05
4.9
4.8
20
40
60
5.2
VIN = 3.3V
VIN = 3V
VIN = 2.7V
TA = 25°C
CFLY = 0.1µF
COUT = 6.8µF
Load Transient Response
IOUT
0mA TO 10mA
10mA/DIV
VOUT
AC COUPLED
50mV/DIV
VIN = 3V
500
µs/DIV
1522 G06
COUT = 10µF
PIN FUNCTIONS
NC (Pin 1): No Connect.
VIN (Pin 2): Input Supply Voltage. Bypass VIN with a
≥3.3µF low ESR capacitor.
VOUT (Pin 3): 5V Output Voltage (VOUT = 0V in Shutdown).
Bypass VOUT with a ≥ 3.3µF low ESR capacitor.
C+ (Pin 4): Flying Capacitor, Positive Terminal.
C – (Pin 5): Flying Capacitor, Negative Terminal.
GND (Pin 6): Ground.
SHDN (Pin 7): Active High CMOS Logic-Level Shutdown
Input. Drive SHDN low to enable the DC/DC converter. Do
not float.
NC (Pin 8): No Connect.
INPUT VOLTAGE (V)
2.5
7
8
9
4.5
1522 G04
6
5
4
3.0
3.5
4.0
5.0
IOUT = 0mA
TA = 70°C
TA = 25°C
TA = 0°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com