Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1530C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1530C
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1530C Datasheet HTML 13Page - Linear Technology LTC1530C Datasheet HTML 14Page - Linear Technology LTC1530C Datasheet HTML 15Page - Linear Technology LTC1530C Datasheet HTML 16Page - Linear Technology LTC1530C Datasheet HTML 17Page - Linear Technology LTC1530C Datasheet HTML 18Page - Linear Technology LTC1530C Datasheet HTML 19Page - Linear Technology LTC1530C Datasheet HTML 20Page - Linear Technology LTC1530C Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1530
+
10
µF
LO
PVCC
PVCC
GND
G1
G2
COMP
LTC1530
IFB
IMAX
1
2
3
4
8
7
6
5
VOUT
VOUT
1530 F09
VIN
RC
RIFB
RIMAX
CC
CIN
0.1
µF
0.1
µF
Q1
Q2
C1
BOLD LINES INDICATE
HIGH CURRENT PATHS
COUT
+
+
Figure 9. LTC1530 Layout Diagram
DEVICE
OUTPUT CAPACITOR (CO)RC
CC
C1
LTC1530-3.3
7 X330
µF
10k
0.022
µF
150pF
AVX TPSE337M006R0100
LTC1530-3.3
4 X1500
µF
15k
0.022
µF
100pF
SANYO 6MV1500GX
LTC1530-2.8
7 X330
µF
8.6k
0.022
µF
150pF
AVX TPSE337M006R0100
LTC1530-2.8
4 X1500
µF
13k
0.022
µF
100pF
SANYO 6MV1500GX
LTC1530-2.5
7 X330
µF
7.5k
0.022
µF
220pF
AVX TPSE337M006R0100
LTC1530-2.5
4 X1500
µF
11k
0.022
µF
120pF
SANYO 6MV1500GX
LTC1530-1.9
7 X330
µF
5.6k
0.033
µF
220pF
AVX TPSE337M006R0100
LTC1530-1.9
4 X1500
µF
8.2k
0.022
µF
220pF
SANYO 6MV1500GX
1530 TA TBL
Figure 10. 5V to 1.9V-3.3V Synchronous Buck Converter
PVCC Is Powered from 12V Supply
+
+
0.1
µF
10
µF
+
CO
(SEE
TABLE)
CIN**
LO
†
20
Ω
2.7k
PVCC
12V
PVCC
GND
LTC1530
(SEE TABLE)
G1
15
2
4
8
6
7
3
COMP
IFB
IMAX
G2
VOUT
VOUT
1.9V TO 3.3V
14A
1530 F10
VIN
5V
* SILICONIX SUD50N03-10
** 3
× SANYO 10MV1200GX OR
3
× SANYO OS-CON 6SH330K
RC
CC
Q1*
Q2*
C1
† COILTRONICS CTX02-13198 (2
µH) OR
PANASONIC ETQP6F2R5HA PCC-N6 (2.5
µH)
(SEE TABLE)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com