Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1530C Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1530C
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530C Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1530C Datasheet HTML 16Page - Linear Technology LTC1530C Datasheet HTML 17Page - Linear Technology LTC1530C Datasheet HTML 18Page - Linear Technology LTC1530C Datasheet HTML 19Page - Linear Technology LTC1530C Datasheet HTML 20Page - Linear Technology LTC1530C Datasheet HTML 21Page - Linear Technology LTC1530C Datasheet HTML 22Page - Linear Technology LTC1530C Datasheet HTML 23Page - Linear Technology LTC1530C Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1530
Efficiency vs Load Current
LOAD CURRENT (A)
0
0.1
1
2
34
1530 TA07b
5
100
90
80
70
60
50
40
30
20
10
0
TA = 25°C
LTC1530 5V to – 5V Synchronous Inverter
CIN
6
5
4
3
PVCC
GND
LTC1530-ADJ
G2
1
5
2
4
7
6
8
3
COMP
IFB
IMAX
G1
VSENSE
CIN, COUT = 3× SANYO 10MV1200GX
L1 = PANASONIC ETQP6F2R5HA (PCC-N6)
Q1,Q2 = SILICONIX SUD50N03-10
RC
4.7k
R2
100
Ω
R1
2.4k
R8
560
Ω
1/2W
CC
0.22
µF
C4
0.1
µF
C3
10
µF
C1
1000pF
R9
680
Ω
D2
MBR0530T1
D3
1N4148
D1
MBR0530T1
OPTIONAL
Z1
12V
ZENER
1/2W
+
+
+
C5
2.2
µF
COUT
VOUT
–5V
5A
L1
2.5
µH
C2
10
µF
R5
10k
R3
1k
R4
3.09k
1530 TA07a
Q3
2N7000
1/2
LTC1693-2
1/2
LTC1693-2
VIN
5V
C7
1000pF
R10
330
Ω
D5
MBR0530T1
D4
1N4148
Q2
Q1
C6
2.2
µF
R11
1k
R7
4.7
Ω
R6
220
Ω
1/6W
1
8
7
2
+
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com