Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLP-447 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # GLP-447
Description  Portable Blue Diode Laserpointer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GLP-447 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  GLP-447 Datasheet HTML 1Page - Roithner LaserTechnik GmbH GLP-447 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14.03.2012
GLP-447 5-300 mW
1 of 2
GLP-447 5-300 mW
Portable Blue Diode Laserpointer
Portable 447nm diode laserpointer, featuring push button, compact size, and long lifetime.
Specifications
Wavelength
447 ±5 nm
Output Power
5 – 300 mW
Transverse Mode
Near TEM00
Operating Mode
CW
Beam Divergence (full angle)
< 1.5 mrad
Beam Diameter (at the aperature)
~ 5 mm
Range in darkness
10000 m
Power Supply
2 x CR2 / 3V Li battery (included)
Expected Lifetime
3000 … 5000 hours
Max. continuous ON time
Device must be turned off if warmed considerably
Warranty period
6 months


Similar Part No. - GLP-447

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GLP-405 ROITHNER-GLP-405 Datasheet
69Kb / 1P
Violet LASER POINTER
GLP-473 ROITHNER-GLP-473 Datasheet
142Kb / 2P
BLUE DIODE PUMPED SPOLID STATE LASER POINTER
More results

Similar Description - GLP-447

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03DBVSC KEC-PG03DBVSC_07 Datasheet
437Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05FBESC KEC-PG05FBESC Datasheet
394Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05TAVSM KEC-PG05TAVSM Datasheet
55Kb / 3P
TVS Diode for ESD Protection in Portable Electronics
logo
Roithner LaserTechnik G...
GLP-3-405 ROITHNER-GLP-3-405 Datasheet
108Kb / 2P
Portable Blue Diode Laser System
GLP-3-447 ROITHNER-GLP-3-447 Datasheet
127Kb / 2P
Portable Blue Diode Laser System
GLP-3-473 ROITHNER-GLP-3-473 Datasheet
106Kb / 2P
Portable Blue DPSS Laser System
GLP-3-635 ROITHNER-GLP-3-635 Datasheet
114Kb / 2P
Portable Red Diode Laser System
GLP-3-655 ROITHNER-GLP-3-655 Datasheet
114Kb / 2P
Portable Red Diode Laser System
GLP-3-808 ROITHNER-GLP-3-808 Datasheet
114Kb / 2P
Portable Infrared Diode Laser System
GLP-3-980 ROITHNER-GLP-3-980 Datasheet
114Kb / 2P
Portable Infrared Diode Laser System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com