Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1550IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1550IGN
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1550IGN Datasheet HTML 1Page - Linear Technology LTC1550IGN Datasheet HTML 2Page - Linear Technology LTC1550IGN Datasheet HTML 3Page - Linear Technology LTC1550IGN Datasheet HTML 4Page - Linear Technology LTC1550IGN Datasheet HTML 5Page - Linear Technology LTC1550IGN Datasheet HTML 6Page - Linear Technology LTC1550IGN Datasheet HTML 7Page - Linear Technology LTC1550IGN Datasheet HTML 8Page - Linear Technology LTC1550IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1550/LTC1551
TYPICAL PERFORMANCE CHARACTERISTICS
0mA
1ms/DIV
LTC1550/51 • G07
Load Transient Response
(See Figure 2, VCC = 5V)
10mA
AC COUPLED
5mV/DIV
VOUT
IOUT
5V
2ms/DIV
LTC1550/51 • G08
Line Transient Response
(See Figure 2, IL = 10mA)
AC COUPLED
5mV/DIV
5.5V
VOUT
VCC
Minimum Required VCC vs
VOUT and IOUT
FREQUENCY (Hz)
100k
90
80
70
60
50
40
30
20
10
0
–10
1M
10M
LT1550/51 • G09
FREQUENCY (kHz)
1
0.01
1
0.1
10
10
100
LTC1550/51 • G10
Spot Noise
(*See Typical Application)
Output Spectrum
(See Figure 2, COUT = 10µF)
FREQUENCY (Hz)
100k
90
80
70
60
50
40
30
20
10
0
–10
1M
10M
LT1550/51 • G11
VCC = 5V
IL = 5mA
CIN = 4.7µF
COUT = 10µF
CL = 0.1µF
Start-Up Time vs Supply Voltage
SUPPLY VOLTAGE (V)
4.50
1.0
1.2
1.4
5.25 5.50
6.25
6.00
LTC1550/51 G05
0.8
0.6
0.4
4.75 5.00
5.75
1.6
1.8
2.0
6.50
TA = 25°C
VOUT = –4.1V
RL = 390Ω
Maximum Output Current
vs Supply Voltage
SUPPLY VOLTAGE (V)
4.50
50
45
40
35
30
25
20
15
10
5
0
5.00
5.50 5.75
LTC1550/51 • TPC04
4.75
5.25
6.00 6.25 6.50
TA = 25°C
5V
0V
0V
– 4.1V
VOUT
SHDN
0.2ms/DIV
LTC1550/51 • G06
Startup Time (LTC1550 Shown)
OUTPUT VOLTAGE (V)
–5
6.0
5.6
5.2
4.8
4.4
4.0
3.6
3.2
2.8
2.4
2.0
–1
LTC1550/51 • G08.5
–4
–3
–2
0
IOUT = 20mA
IOUT = 10mA
IOUT = 5mA
Output Spectrum
(*See Typical Application)
* On first page of data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com