Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1550IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1550IGN
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1550IGN Datasheet HTML 2Page - Linear Technology LTC1550IGN Datasheet HTML 3Page - Linear Technology LTC1550IGN Datasheet HTML 4Page - Linear Technology LTC1550IGN Datasheet HTML 5Page - Linear Technology LTC1550IGN Datasheet HTML 6Page - Linear Technology LTC1550IGN Datasheet HTML 7Page - Linear Technology LTC1550IGN Datasheet HTML 8Page - Linear Technology LTC1550IGN Datasheet HTML 9Page - Linear Technology LTC1550IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1550/LTC1551
PIN FUNCTIONS
REG: This is an open-drain output that pulls low when the
output voltage is within 5% of the set value. It will sink 7mA
to ground with a 5V supply. The external circuitry must
provide a pull-up or REG will not swing high. The voltage
at REG may exceed VCC and can be pulled up to 12V above
ground without damage.
ADJ: For adjustable versions only, this is the feedback
point for the external resistor divider string. Connect a
divider string from AGND to VOUT with the divided tap
connected to ADJ. Note that the resistor string needs to be
connected “upside-down” from a traditional negative regu-
lator. See the Applications Information section for hook-
up details.
NC: No Internal Connection.
BLOCK DIAGRAM
–
+
–
+
S2
S3
S1
S4
CCP
VCC
CPOUT
C1+
C1–
C1
CLK
900kHz
SENSE
CHARGE
PUMP
LINEAR
REGULATOR
1550/51 BD
VOUT
ADJ
REG
COUT
60mV
1.18V
*SHDN
*SHDN FOR LTC1550, SHDN FOR LTC1551
** FIXED OUTPUT VERSIONS ONLY
COMP2
**
**
+
1.24V
APPLICATIONS INFORMATION
OVERVIEW
The LTC1550/LTC1551 are switched capacitor, inverting
charge pumps with internal linear post-regulators. The
LTC1550CS8/LTC1551CS8 provide a regulated, low ripple
– 4.1V output at up to 10mA load current from a single 5V
supply. The LTC1550CGN provides a regulated, low ripple
adjustable output. Output load current for the adjustable
version depends on the input/output voltage combination.
Consult the graph provided in the Typical Performance
Characteristics section and the Electrical Characteristics
table for guaranteed test points. The LTC1550/LTC1551
are ideal for use as bias voltage generators for GaAs
transmitter FETs in portable RF and cellular telephone
applications. The LTC1550 features an active-low
Shutdown pin (SHDN) that drops quiescent current to
below 1
µA. The LTC1551 is identical to the LTC1550,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com