Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1590CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1590CS
Description  Dual Serial 12-Bit Multiplying DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1590CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1590CS Datasheet HTML 4Page - Linear Technology LTC1590CS Datasheet HTML 5Page - Linear Technology LTC1590CS Datasheet HTML 6Page - Linear Technology LTC1590CS Datasheet HTML 7Page - Linear Technology LTC1590CS Datasheet HTML 8Page - Linear Technology LTC1590CS Datasheet HTML 9Page - Linear Technology LTC1590CS Datasheet HTML 10Page - Linear Technology LTC1590CS Datasheet HTML 11Page - Linear Technology LTC1590CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1590
Very Low Power Single Supply Dual VOUT DAC
TYPICAL APPLICATIONS
VOUT A
VOUT B
0V TO 2.2V
1590 TA06
500k
50k
500k
50k
210k
120k
V+
3.3V
V+
3.3V
50k
0.1
µF
LT1004-1.2
ISUPPLY TOTAL = 100µA (TYP)
(WORSE-CASE CODE)
9
1
710
16
2
0.2V
3
4
8
6
5
VCC
DAC B
DAC A
AGND
DGND
LTC1590
VREF B
RFB B
OUT1 B
OUT2 B
OUT1 A
OUT2 A
VREF A
RFB A
1/4
LT1179
1/4
LT1179
1/4
LT1179
13
14
11
12
15
DATA IN
SERIAL CLOCK
CHIP SELECT/DAC LOAD
DATA OUT
CLEAR
16
98
1
2
10
1590 TA08
3
5
7
1
8
6
4
5
6
2
3
4
VOUT B
VOUT A
5V
VIN B
±10V
7
33pF
0.1
µF
0.01
µF
33pF
15V
–15V
0.01
µF
VOUT = –VIN
4096
D
()
VIN A
±10V
DAC B
VREF B
RFB B
VREF A
RFB A
DAC A
24-BIT
SHIFT
REG
AND
LATCH
DIN
CLK
CS/LD
DOUT
CLR
DGND
AGND
LTC1590
OUT1 B
OUT2 B
OUT2 A
OUT1 A
+
–
+
–
1/2
LT1358
1/2
LT1358
Dual Programmable Gain Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com