Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1590CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1590CS
Description  Dual Serial 12-Bit Multiplying DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1590CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1590CS Datasheet HTML 1Page - Linear Technology LTC1590CS Datasheet HTML 2Page - Linear Technology LTC1590CS Datasheet HTML 3Page - Linear Technology LTC1590CS Datasheet HTML 4Page - Linear Technology LTC1590CS Datasheet HTML 5Page - Linear Technology LTC1590CS Datasheet HTML 6Page - Linear Technology LTC1590CS Datasheet HTML 7Page - Linear Technology LTC1590CS Datasheet HTML 8Page - Linear Technology LTC1590CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1590
TYPICAL PERFORMANCE CHARACTERISTICS
enabled so the data can be clocked in. When CS/LD is
pulled high, data is loaded from the shift register into the
DAC register, updating the DAC output.
DOUT (Pin 12): The Serial Data Output. Data becomes valid
on the rising edge of the CLK.
DIN (Pin 13): The Serial Data Input. Data on the DIN pin is
latched into the shift register on the rising edge of the serial
clock. Data is loaded as one 24-bit word. The first 12 bits
are for DAC A, MSB-first and the second 12 bits are for
DAC B, MSB-first.
CLK (Pin 14): The Serial Interface Clock Input.
CLR (Pin 15): The Clear Pin for the DAC. Clears both DACs
to zero scale when pulled low. This pin should be tied to
VCC for normal operation.
VCC (Pin 16): The Positive Supply Input. 4.5 ≤ VCC
≤ 5.5V. Requires a bypass capacitor to ground.
VREF B, VREF A (Pins 1, 9): Reference Inputs for DAC A/B.
Typically
±10V, accepts up to ±25V.
RFB B, RFB A (Pins 2, 8): Feedback Resistors for DAC A/B.
Normally tied to the output of current to voltage converter
op amp. Typically swings to
±10V. Swings from 0V to
–VREF.
OUT1 B, OUT1 A (Pins 3, 6): True Current Output for DAC
A/B. Normally tied to inverting input of current to voltage
converter op amp.
OUT2 B, OUT2 A (Pins 4, 5): Complement Current Output
for DAC A/B. Normally tied to ground.
AGND (Pin 7): Analog Ground Pin. Tie to ground.
DGND (Pin 10): Digital Ground Pin. Tie to ground.
CS/LD (Pin 11): The Serial Interface Enable and Load
Control Input. When CS/LD is low the CLK signal is
PIN FUNCTIONS
INPUT VOLTAGE (V)
0
1.0
0.5
0
4
1590 G01
1
2
3
5
Supply Current vs
Logic Input Voltage
TIME (500ns/DIV)
1590 G11
VDD = 5V
LT1363 OP AMP
CFB = 30pF
SUPPLY VOLTAGE (V)
0
4
3
2
1
0
510
1590 G04
15
Logic Threshold vs
Supply Voltage
Midscale Glitch Impulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com