Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1606AI Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1606AI
Description  16-Bit, 250ksps, Single Supply ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606AI Datasheet(HTML) 4 Page - Linear Technology

  LTC1606AI Datasheet HTML 1Page - Linear Technology LTC1606AI Datasheet HTML 2Page - Linear Technology LTC1606AI Datasheet HTML 3Page - Linear Technology LTC1606AI Datasheet HTML 4Page - Linear Technology LTC1606AI Datasheet HTML 5Page - Linear Technology LTC1606AI Datasheet HTML 6Page - Linear Technology LTC1606AI Datasheet HTML 7Page - Linear Technology LTC1606AI Datasheet HTML 8Page - Linear Technology LTC1606AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1606
LTC1606/LTC1606A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency
q
250
kHz
tCONV
Conversion Time
q
2.5
µs
tACQ
Acquisition Time
q
1.5
µs
t1
Convert Pulse Width
(Note 11)
q
40
ns
t2
Data Valid Delay After R/C
↓
(Note 9)
q
2.5
µs
t3
BUSY Delay from R/C
↓
CL = 30pF
q
65
ns
t4
BUSY Low
q
2.5
µs
t5
BUSY Delay After End of Conversion
100
ns
t6
Aperture Delay
40
ns
t7
Bus Relinquish Time
q
15
50
ns
t8
BUSY Delay After Data Valid
q
20
90
ns
t9
Previous Data Valid After R/C
↓
2
µs
t10
R/C to CS Setup Time
(Notes 9, 10)
q
5ns
t11
Time Between Conversions
q
4
µs
t12
Bus Access
CL = 30pF, (Notes 10)
q
15
60
ns
Byte Delay
CL = 30pF, (Notes 9, 10)
q
15
60
ns
LTC1606/LTC1606A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 4.75V
IO = –10µA
4.5
V
IO = – 200µA
q
4.0
V
VOL
Low Level Output Voltage
VDD = 4.75V
IO = 160µA
0.05
V
IO = 1.6mA
q
0.10
0.4
V
IOZ
Hi-Z Output Leakage D15 to D0
VOUT = 0V to VDD, CS High
q
±10
µA
COZ
Hi-Z Output Capacitance D15 to D0
CS High (Note 9)
q
15
pF
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
TIMING CHARACTERISTICS
DIGITAL INPUTS AND DIGITAL OUTPUTS The q indicates specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
The q indicates specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com